Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1000C26-M5T1G Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S-1000C26-M5T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C26-M5T1G Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S-1000C26-M5T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 21Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 22Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 23Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 24Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 25Page - Seiko Instruments Inc S-1000C26-M5T1G Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 Series
Rev.2.3_00
22
Seiko Instruments Inc.
2. Power-on reset circuit
A power-on reset circuit can be constructed using Nch open-drain output product of S-1000 Series.
(Nch open-drain products)
OUT
VIN
VSS
VDD
S-1000N
R
*1
C*1
Di
*2
*1.
R should be 75 k
Ω or less, and C should be 0.01 µF or more to prevent oscillation.
If C is not connected, R should be 800
Ω or less.
*2.
Diode Di instantaneously discharges the charge stored in the capacitor (C) at the power falling, Di can be removed
when the delay of the falling time is not important.
Figure 26
VDD
(V)
t (s)
OUT
(V)
t (s)
Figure 27
Remark
When the power rises sharply as shown in the Figure 28 left, the output may go to the high level for an instant
in the undefined region where the output voltage is undefined since the power voltage is less than the minimum
operation voltage.
VDD
(V)
t (s)
OUT
(V)
t (s)
Figure 28
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.


Similar Part No. - S-1000C26-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C26-M5T1X ABLIC-S-1000C26-M5T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C26-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com