Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1132B25-I6T2G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1132B25-I6T2G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B25-I6T2G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1132B25-I6T2G Datasheet HTML 2Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-1132B25-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 Series
Rev.3.2_00
6
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 5
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
− 0.3 to VSS + 7
V
VON/OFF
VSS
− 0.3 to VIN + 0.3
V
Output voltage
VOUT
VSS
− 0.3 to VIN + 0.3
V
300 (When not mounted on board)
mW
SOT-23-5
600
*1
mW
500 (When not mounted on board)
mW
SOT-89-5
1000
*1
mW
Power dissipation
SNT-6A(H)
PD
500
*1
mW
Operating ambient temperature
Topr
−40 to + 85
°C
Storage temperature
Tstg
−40 to + 125
°C
*1. When mounted on board
[Mounted Board]
(1) Board size: 114.3 mm x 76.2 mm x t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
1200
800
0
Ambient Temperature (Ta) [
°C]
SOT-89-5
400
1000
600
200
SNT-6A(H)
SOT-23-5
Figure 5 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-1132B25-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1132B25-I6T2U ABLIC-S-1132B25-I6T2U Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1132B25-I6T2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com