Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-7760A62XX-TCT1G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-7760A62XX-TCT1G
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A62XX-TCT1G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-7760A62XX-TCT1G Datasheet HTML 4Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 5Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 6Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 7Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 8Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 9Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 10Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 11Page - Seiko Instruments Inc S-7760A62XX-TCT1G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
8
DC Electrical Characteristics
Table 7 DC Characteristcs 1
VCCH = VCCL = 2.3 to 4.5 V
Item
Symbol
Condition
*1
Option
Min.
Typ.
Max.
Unit
Current consumption
during standby
ISB
fSCL = 0 Hz
CMOS input
type
3.0
µA
Current consumption
during standby
ISB
fSCL = 0 Hz
Low voltage
input type
10.0
µA
Current consumption
(READ)
ICC1
fSCL = 400 kHz
0.8
mA
Current consumption
(WRITE)
ICC2
fSCL = 400 kHz
4.0
mA
Current consumption during
operation of internal
oscillation circuit
ICC3
fSCL = 0 Hz
0.8
mA
*1.
The total current consumption when VCCH = VCCL. No load on pins DO7 to 0.
Table 8 DC Characteristcs 2
VCCH = 2.3 to 4.5 V
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
IIH1
VIN = VCCH
1.0
µA
Input current
ILI1
CLK, TIMEN,
WP, SDA, SCL V
IN = GND
−1.0
µA
Output leakage current
ILO1
SDA
VIN = VCCH
1.0
µA
IOL = 3.2 mA
0.4
V
VOL1
SDA
IOL = 1.5 mA
0.3
V
Low-level output voltage
VOL2
DO
IOL = 100
µA
VCCL = VCCH to 1.5 V
0.1
V
High-level output voltage
VOH2
DO
IOH =
−100 µA
VCCL = VCCH to 1.5 V
VCCL
−0.2
V
IOL = 3.2 mA
0.6
V
Low-level output voltage
*1
VOL3
SCL
IOL = 1.5 mA
0.4
V
*1.
When the option for BPDX is valid.


Similar Part No. - S-7760A62XX-TCT1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A62XX-TCT1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com