Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1000C37-I4T1G Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-1000C37-I4T1G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C37-I4T1G Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-1000C37-I4T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 19Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 20Page - Seiko Instruments Inc S-1000C37-I4T1G Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.2.3_00
S-1000 Series
Seiko Instruments Inc.
17
Precautions
• If the input impedance is high, oscillation may occur due to the through-type current etc. In COMS output products,
impedance should not be connected to the input pin.
In Nch open drain output products, input impedance is
recommended to be 800
Ω or less. However be sure to perform sufficient evaluation under the actual usage conditions for
selection, including evaluation of temperature characteristics.
• In CMOS output products oscillation may occur when a pull-down resistor is used, and falling speed of the power supply
voltage (VDD) is slow near the detection voltage.
• When designing for mass production using an application circuit described herein, the product deviation and temperature
characteristics should be taken into consideration. SII shall not bear any responsibility for the products on the circuits
described herein.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of the products
including this IC upon patents owned by a third party.


Similar Part No. - S-1000C37-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000C37-I4T1U ABLIC-S-1000C37-I4T1U Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Similar Description - S-1000C37-I4T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com