Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDR-CRS-C10 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDR-CRS-C10
Description  AlInGap DOMILED High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDR-CRS-C10 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDR-CRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDR-CRS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGap DOMILED BL-PDx-xRS Series
V.2 Page: 2 of 8
Optical Characteristics:
Part Number
Chip Technology /
Color
Viewing
Angle °
Luminous Intensity @ IF=20mA
Iv (mcd)
BL-PDH-CRS-C10
AlInGaP
120
45.0 – 112.5
BIN P1
Hyper-red, 640nm
45.0 – 56.0
BIN P2
56.0 – 71.5
BIN Q1
71.5 – 90.0
BIN Q2
90.0 – 112.5
BL-PDS-CRS-C10
AlInGaP
120
71.5 – 180.0
BIN Q1
Super-red, 632nm
71.5 – 90.0
BIN Q2
90.0 – 112.5
BIN R1
112.5 – 140.0
BIN R2
140.0 – 180.0
BL-PDS-SRS-C10
71.5 – 180.0
BIN Q1
71.5 – 90.0
BIN Q2
90.0 – 112.5
BIN R1
112.5 – 140.0
BIN R2
140.0 – 180.0
BL-PDR-CRS-C10
AlInGaP
120
112.5 – 285.0
BIN R1
Red, 625nm
112.5 – 140.0
BIN R2
140.0 – 180.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BL-PDR-SRS-C10
112.5 – 285.0
BIN R1
112.5 – 140.0
BIN R2
140.0 – 180.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BL-PDR-TRS-C10
TS AlInGaP
120
285.0 – 715.0
BIN T1
Red, 625nm
285.0 – 355.0
BIN T2
355.0 – 450.0
BIN U1
450.0 – 560.0
BIN U2
560.0 – 715.0
BL-PDA-CRS-C10
AlInGaP
120
112.5 – 285.0
BIN R1
Amber, 615nm
112.5 – 140.0
BIN R2
140.0 – 180.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BL-PDA-SRS-C10
180.0 – 450.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BIN T1
285.0 – 355.0
BIN T2
355.0 – 450.0


Similar Part No. - BL-PDR-CRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJB-C10 BRIGHT-BL-PDR-CJB-C10 Datasheet
203Kb / 6P
   DOMILED Black Surface High brightness surface mount LED.
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   High brightness surface mount LED.
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
More results

Similar Description - BL-PDR-CRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDO-SJS-C10 BRIGHT-BL-PDO-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-TJS-C10 BRIGHT-BL-PDR-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CRS-C10 BRIGHT-BL-PDS-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-CJS-C10 BRIGHT-BL-PDY-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CJS-C10 BRIGHT-BL-PDS-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SRS-C10 BRIGHT-BL-PDG-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com