Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80125CNPF-JKKTFG Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-80125CNPF-JKKTFG
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80125CNPF-JKKTFG Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-80125CNPF-JKKTFG Datasheet HTML 1Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 2Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 3Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 4Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 5Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 6Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 7Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 8Page - Seiko Instruments Inc S-80125CNPF-JKKTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Rev.3.3_00
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Seiko Instruments Inc.
1
The S-801 Series is a series of high-precision voltage
detectors with a built-in delay time generator of fixed time
developed using CMOS process. The detection voltage is
fixed internally, with an accuracy of
±2.0 %. Internal oscillator
and counter timer can delay the release signal without
external parts. Three delay times 50 ms, 100 ms, and 200 ms
are available. Two output forms, Nch open-drain and CMOS
output, are available.
Features
• Ultra-low current consumption
1.3
μA typ. (at V
DD=3.5 V)
• High-precision detection voltage
±2.0 %
• Hysteresis characteristics
60 mV typ.
• Detection voltage
2.2 V to 6.0 V (0.1 V step)
• Three delay times
A type
50 ms typ.
B type
100 ms typ.
C type
200 ms typ.
• ON/OFF switching function of delay time (DS pin)
• Operating voltage range
0.95 V to 10.0 V
• Output forms
Nch open-drain output (Active Low)
CMOS output (Active Low)
• Lead-free products
Applications
• Power monitor for portable equipment such as notebook computers, digital still cameras, PDA, and
cellular phones.
• Constant voltage power monitor for cameras, video equipment and communication devices.
• Power monitor for microcomputers and reset for CPUs.
Packages
Package name
Drawing code
Package
Tape
Reel
Land
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A


Similar Part No. - S-80125CNPF-JKKTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80125CNPF-JKKTFU ABLIC-S-80125CNPF-JKKTFU Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

Similar Description - S-80125CNPF-JKKTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com