Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-03 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS557-03
Description  PCI-EXPRESS CLOCK SOURCE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557-03 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS557-03 Datasheet HTML 2Page - Integrated Device Technology ICS557-03 Datasheet HTML 3Page - Integrated Device Technology ICS557-03 Datasheet HTML 4Page - Integrated Device Technology ICS557-03 Datasheet HTML 5Page - Integrated Device Technology ICS557-03 Datasheet HTML 6Page - Integrated Device Technology ICS557-03 Datasheet HTML 7Page - Integrated Device Technology ICS557-03 Datasheet HTML 8Page - Integrated Device Technology ICS557-03 Datasheet HTML 9Page - Integrated Device Technology ICS557-03 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ICS557-03
PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ PCI-EXPRESS CLOCK SOURCE
7
ICS557-03
REV K 102907
AC Electrical Characteristics - CLK0/CLK1, CLK0/CLK1
Unless stated otherwise, VDD=3.3 V ±10%, Ambient Temperature -40 to +85
° C
Note 1: Test setup is RL=50 ohms with 2 pF, Rr = 475Ω (1%).
Note 2: Measurement taken from a single-ended waveform.
Note 3: Measurement taken from a differential waveform.
Note 4: Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
Note 5: CLK pins are tri-stated when OE is low asserted. CLK is driven differential when OE is high.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
HCSL termination
25
200
MHz
LVDS termination
25
100
MHz
Output High Voltage1,2
VOH
HCSL
660
700
850
mV
Output Low Voltage1,2
VOL
HCSL
-150
0
27
mV
Crossing Point Voltage1,2
Absolute
250
350
550
mV
Crossing Point Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
80
ps
Frequency Synthesis Error
All outputs
0
ppm
Modulation Frequency
Spread spectrum
30
31.5
33
kHz
Rise Time1,2
tOR
From 0.175 V to 0.525 V
175
332
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V
175
344
700
ps
Rise/Fall Time Variation1,2
125
ps
Output to Output Skew
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
10
us
Output Disable Time5
All outputs
10
us
Stabilization Time
tSTABLE
From power-up VDD=3.3 V
3.0
ms
Spread Spectrum Transition
Time
tSPREAD
Stabilization time after spread
spectrum changes
3.0
ms


Similar Part No. - ICS557-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results

Similar Description - ICS557-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
   QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com