Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557G-05ALFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS557G-05ALFT
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-05ALFT Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS557G-05ALFT Datasheet HTML 1Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 2Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 3Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 4Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 5Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 6Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 7Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 8Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
4
ICS557-05A
REV H 092407
Application Information
Decoupling Capacitors
As with any high-performance mixed-signal IC, the
ICS557-05A must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane.
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via. Distance of the ferrite bead and bulk decoupling
from the device is less critical.
2) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (the ferrite bead and bulk decoupling capacitor can be
mounted on the back). Other signal traces should be routed
away from the ICS557-05A.
This includes signal traces just underneath the device, or on
layers adjacent to the ground plane layer used by the device.
External Components
A minimum number of external components are required for
proper operation. Decoupling capacitors of 0.01
µF should
be connected between VDD and GND pairs (1,9 and 15,16)
as close to the device as possible.
On chip capacitors- Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value (in pf) of these
crystal caps equal (CL-12)*2 in this equation, CL=crystal
load capacitance in pf. For example, for a crystal with a 16
pF load cap, each external crystal cap would be 8 pF.
[(16-12)x2]=8.
Current Reference Source Rr (Iref)
If board target trace impedance (Z) is 50
Ω, then Rr = 475Ω
(1%), providing IREF of 2.32 mA, output current (IOH) is
equal to 6*IREF.
Load Resistors RL
Since the clock outputs are open source outputs, 50 ohm
external resistors to ground are to be connected at each
clock output.
Output Termination
The PCI-Express differential clock outputs of the
ICS557-05A are open source drivers and require an
external series resistor and a resistor to ground. These
resistor values and their allowable locations are shown in
detail in the PCI-Express Layout Guidelines section.
The ICS557-05A can also be configured for LVDS
compatible voltage levels. See the LVDS Compatible
Layout Guidelines section.


Similar Part No. - ICS557G-05ALFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-05ALFTR ICST-ICS557G-05ALFTR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557G-05ALFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com