Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDW-JJD-C10 Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDW-JJD-C10
Description  High brightness surface mount LED.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDW-JJD-C10 Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDW-JJD-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDW-JJD-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDW-JJD-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDW-JJD-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDW-JJD-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDW-JJD-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
GaN BL-PDx-JJx Series
V.2 Page: 6 of 6
Taping And Orientation.
Reels come in quantity of 8000 units or 2000 units.
Reel diameters are 330 mm and 180 mm respectively.


Similar Part No. - BL-PDW-JJD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDW-CJD-C10 BRIGHT-BL-PDW-CJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN
BL-PDW-CJD-C10 BRIGHT-BL-PDW-CJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CJD-C20 BRIGHT-BL-PDW-CJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN
BL-PDW-CJD-C20 BRIGHT-BL-PDW-CJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CRD-C10 BRIGHT-BL-PDW-CRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
More results

Similar Description - BL-PDW-JJD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com