Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM130DZ-M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM130DZ-M
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM130DZ-M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM130DZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM130DZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM130DZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM130DZ-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM130DZ-M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
0
0
200
40
200
160
40
80
120
80
120
160
θ
360°
θ=30°
60°
270°
DC
180°
120°
90°
130
50
60
70
80
90
100
110
120
0
200
40
160
80
120
θ=30° 60°
DC
270°
θ
360°
180°
90°
120°
0
0
320
80
40
400
120
350
300
250
200
150
100
50
160 200 240 280
θ=180°
60°
90°
30°
θ
360°
θ
120°
50
0
320
80
40
130
120 160 200 240 280
60
70
80
90
100
110
120
θ
360°
θ
θ=30°
60°
90°
120°
180°
0
0
320
120
40
400
200
80
240
80
160
280
160
240
320
θ=30°
60°
120°
90°
180°
θ
360°
θ
130
50
0
320
80
40
200 240
60
120 160
280
70
80
90
100
110
120
θ
360°
θ
θ=30°
60°
180°
90°
120°
PER SINGLE
MODULE
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
MODULE
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
PER SINGLE
ELEMENT
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(SINGLE PHASE FULLWAVE AC)
LIMITING VALUE OF THE RMS
ON-STATE CURRENT
(SINGLE PHASE FULLWAVE AC)
RMS ON-STATE CURRENT (A)
RMS ON-STATE CURRENT (A)
LIMITING VALUE OF THE DC
OUTPUT CURRENT
(SINGLE PHASE FULLWAVE RECTIFIED)
MAXIMUM ON-STATE POWER DISSIPATION
(SINGLE PHASE FULLWAVE RECTIFIED)
DC OUTPUT CURRENT (A)
(PER TWO MODULES)
DC OUTPUT CURRENT (A)
(PER TWO MODULES)
MITSUBISHI THYRISTOR MODULES
TM130DZ/CZ/PZ-M,-H
HIGH POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM130DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM130DZ-24 MITSUBISHI-TM130DZ-24 Datasheet
59Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-2H MITSUBISHI-TM130DZ-2H Datasheet
59Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM130DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com