Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDY-GRS-C10 Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDY-GRS-C10
Description  Z-BEND DOMILED Gap Surface mount LED.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDY-GRS-C10 Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDY-GRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDY-GRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDY-GRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDY-GRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDY-GRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDY-GRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED Gap BL-PDx-GRS Series
V.1 Page: 5 of 6
Fig. 3 Radiation pattern.
Fig. 4 Maximum forward current vs. temperature.
Fig. 5 Recommended IR-reflow Soldering Profile
Fig. 6 Recommended TTW Soldering Profile
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0
5
10
15
20
25
30
35
0
1020
30
405060708090
100
Ambient Temperature


Similar Part No. - BL-PDY-GRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDY-GRS-C20 BRIGHT-BL-PDY-GRS-C20 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
More results

Similar Description - BL-PDY-GRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDY-GRS-C20 BRIGHT-BL-PDY-GRS-C20 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
BL-PDO-GRS-C10 BRIGHT-BL-PDO-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
BL-PDR-GRS-C10 BRIGHT-BL-PDR-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
BL-PDR-GRS-C20 BRIGHT-BL-PDR-GRS-C20 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
BL-PDG-GRS-C20 BRIGHT-BL-PDG-GRS-C20 Datasheet
179Kb / 6P
   Z-BEND DOMILED Gap Surface mount LED.
BL-PDP-GRS-C10 BRIGHT-BL-PDP-GRS-C10 Datasheet
212Kb / 5P
   Z-BEND DOMILED GaP Surface mount LED.
BL-PDG-GRS-C10 BRIGHT-BL-PDG-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Surface mount LED.
BL-PDB-CRS-C10 BRIGHT-BL-PDB-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com