Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDY-TRS-C10 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDY-TRS-C10
Description  AlInGap DOMILED High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDY-TRS-C10 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDY-TRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDY-TRS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGap DOMILED BL-PDx-xRS Series
V.2 Page: 3 of 8
Part Ordering Number
Chip Technology /
Color
Viewing
Angle
Luminous Intensity @ IF=20mA
Iv (mcd)
BL-PDO-CRS-C10
AlInGaP
120
112.5 – 285.0
BIN R1
Orange, 605nm
112.5 – 140.0
BIN R2
140.0 – 180.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BL-PDO-SRS-C10
180.0 – 450.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BIN T1
285.0 – 355.0
BIN T2
355.0 – 450.0
BL-PDY-CRS-C10
AlInGaP
120
112.5 – 285.0
BIN R1
Yellow, 587nm
112.5 – 140.0
BIN R2
140.0 – 180.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BL-PDY-SRS-C10
180.0 – 450.0
BIN S1
180.0 – 224.0
BIN S2
224.0 – 285.0
BIN T1
285.0 – 355.0
BIN T2
355.0 – 450.0
BL-PDY-TRS-C10
TS AlInGaP
120
285.0 – 715.0
BIN T1
Yellow, 590nm
285.0 – 355.0
BIN T2
355.0 – 450.0
BIN U1
450.0 – 560.0
BIN U2
560.0 – 715.0
BL-PDG-CRS-C10
AlInGaP
120
45.0 – 112.5
BIN P1
Green, 572nm
45.0 – 56.0
BIN P2
56.0 – 71.5
BIN Q1
71.5 – 90.0
BIN Q2
90.0 – 112.5
BL-PDG-SRS-C10
71.5 – 180.0
BIN Q1
71.5 – 90.0
BIN Q2
90.0 – 112.5
BIN R1
112.5 – 140.0
BIN R2
140.0 – 180.0
NOTE:
1.
Other luminous intensity groups are also available upon request.
2.
Luminous intensity is measured with an accuracy of
±11%.
3.
Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength
group is allowed for each reel.
4.
An optional Vf binning is also available upon request. Binning scheme is as per following table.


Similar Part No. - BL-PDY-TRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
More results

Similar Description - BL-PDY-TRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDO-SJS-C10 BRIGHT-BL-PDO-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-CRS-C10 BRIGHT-BL-PDR-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TJS-C10 BRIGHT-BL-PDR-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CRS-C10 BRIGHT-BL-PDS-CRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-CJS-C10 BRIGHT-BL-PDY-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDS-CJS-C10 BRIGHT-BL-PDS-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SRS-C10 BRIGHT-BL-PDG-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com