Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PMHG-GJS-C10 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMHG-GJS-C10
Description  Bi-Color Domiled AlGaAs High brightness bi-color surface mount LED.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMHG-GJS-C10 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMHG-GJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMHG-GJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMHG-GJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMHG-GJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color Domiled AlGaAs/GaP BL-PMHG-GJS Series
V.3 Page: 2 of 4
Optical Characteristics:
Part Number
Color
λ
dom (typical, nm)
Luminous Intensity
@ If = 20mA . Iv ( mcd )
Chip#1
Chip#2
Chip#1
Chip#2
BL-PMHG-GJS-C10
BIN L L
BIN L M
BIN M L
BIN M M
AlGaAs
Hyper Red
640
Gap
Green
570
11.2 … 28.5
11.2 … 18.0
11.2 … 18.0
18.0 … 28.5
18.0 … 28.5
11.2 … 28.5
11.2 … 18.0
18.0 … 28.5
11.2 … 18.0
18.0 … 28.5
BL-PMHG-GJS-C20
• BIN N L
• BIN N M
• BIN P L
• BIN P M
AlGaAs
Hyper Red
640
Gap
Green
570
28.5 … 71.5
28.5 … 45.0
28.5 … 45.0
45.0 … 71.5
45.0 … 71.5
11.2 … 28.5
11.2 … 18.0
18.0 … 28.5
11.2 … 18.0
18.0 … 28.5
NOTE:
1.
BL-PMXX comes in a quantity of 2000 units per reel.
2.
Luminous intensity is measured with an accuracy of
±11%.
3.
Half group binning for luminous intensity is also available upon request.
Electrical Characteristics
Vf at If = 20mA
Color
Typ.
Max
Viewing
Angle
Hyper Red
2.2
2.5
Green
1.9
2.5
120
Absolute Maximum Ratings:
Parameter
Maximum Value
Unit
DC forward current.
30
mA
Peak pulse current.
(tp
≤ 10 µs, Duty cycle = 0.005)
1000
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-55 … +100
°C
Storage temperature.
-55 … +100
°C


Similar Part No. - BL-PMHG-GJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMHG-GJS-C20 BRIGHT-BL-PMHG-GJS-C20 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs/GaP High brightness bi-color surface mount LED.
More results

Similar Description - BL-PMHG-GJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMHG-GJS-C20 BRIGHT-BL-PMHG-GJS-C20 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs/GaP High brightness bi-color surface mount LED.
BL-PMRG-SJS BRIGHT-BL-PMRG-SJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSG-CJS BRIGHT-BL-PMSG-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSY-CJS BRIGHT-BL-PMSY-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMST-CJS BRIGHT-BL-PMST-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYG-GJS BRIGHT-BL-PMYG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMRG-GJS BRIGHT-BL-PMRG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMRY-GJS BRIGHT-BL-PMRY-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com