Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PMYG-GJS Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMYG-GJS
Description  Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMYG-GJS Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMYG-GJS Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMYG-GJS Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMYG-GJS Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMYG-GJS Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PMYG-GJS Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color DOMILED GaP BL-PMxx-GJS Series
V.3 Page: 4 of 5
Typical electro-optical characteristics curves:
Fig.1.Relative luminous intensity vs. forward current.
Fig.2 Forward current vs. forward voltage.
Fig.3 Radiation pattern
Fig.4 Maximum forward current vs. temperature
Fig.5 Recommended IR-reflow Soldering Profile.
Fig.6 Recommended TTW Soldering Profile
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
1020
30
4050
60
FORWARD CURRENT (mA)
Forward Current vs. Forward Voltage
0
5
10
15
20
25
30
35
40
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Forward Voltage (V)
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0
5
10
15
20
25
30
35
10
20
30
40
50
60
70
80
85
Ambient Temperature


Similar Part No. - BL-PMYG-GJS

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
More results

Similar Description - BL-PMYG-GJS

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMRG-GJS BRIGHT-BL-PMRG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMRY-GJS BRIGHT-BL-PMRY-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMHG-GJS-C20 BRIGHT-BL-PMHG-GJS-C20 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs/GaP High brightness bi-color surface mount LED.
BL-PMRG-SJS BRIGHT-BL-PMRG-SJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSG-CJS BRIGHT-BL-PMSG-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSY-CJS BRIGHT-BL-PMSY-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMST-CJS BRIGHT-BL-PMST-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMHG-GJS-C10 BRIGHT-BL-PMHG-GJS-C10 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs High brightness bi-color surface mount LED.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com