Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83904AG-02 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS83904AG-02
Description  LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83904AG-02 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS83904AG-02 Datasheet HTML 5Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 6Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 7Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 8Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 9Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 10Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 11Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 12Page - Integrated Device Technology ICS83904AG-02 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IDT/ ICSLVCMOS/LVTTL FANOUT BUFFER
9
ICS83904AG-02 REV. A SEPTEMBER 12, 2007
ICS83904-02
LOW SKEW, 1-TO-4, CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
GND
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.4V±0.065V
V
DDO
-0.9V±0.1V
V
DD
0.9V±0.1V
SCOPE
Qx
LVCMOS
GND
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
GND
1.65V±5%
-1.65V±5%
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
SCOPE
Qx
LVCMOS
GND
1.6V±0.025V
V
DDO
-0.9V±0.1V
V
DD
0.9V±0.1V
V
DD,
V
DDO
V
DD,
V
DDO
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
Part 1
Part 2


Similar Part No. - ICS83904AG-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83904AG-02 ICST-ICS83904AG-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83904AG-02T ICST-ICS83904AG-02T Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83904AG-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905 ICST-ICS83905 Datasheet
362Kb / 14P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83904-02 ICST-ICS83904-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904-02 IDT-83904-02 Datasheet
175Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83904-02 RENESAS-83904-02 Datasheet
372Kb / 17P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/ LVTTL Fanout Buffer
Revision A March 17, 2016
83904I-02 RENESAS-83904I-02 Datasheet
408Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
April 8, 2016
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com