Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83904AG-02LF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS83904AG-02LF
Description  LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83904AG-02LF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS83904AG-02LF Datasheet HTML 1Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 2Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 3Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 4Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 5Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 6Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 7Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 8Page - Integrated Device Technology ICS83904AG-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IDT/ ICSLVCMOS/LVTTL FANOUT BUFFER
4
ICS83904AG-02 REV. A SEPTEMBER 12, 2007
ICS83904-02
LOW SKEW, 1-TO-4, CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 4F. DC CHARACTERISTICS, TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
D
D
%
5
±
V
3
.
3
=2
.
2V
D
D
3
.
0
+V
V
D
D
%
5
±
V
5
.
2
=6
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
D
D
%
5
±
V
3
.
3
=3
.
0
-3
.
1V
V
D
D
%
5
±
V
5
.
2
=3
.
0
-9
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
K
L
C
1
:
0
L
E
S
_
K
L
C
V
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=0
5
1A
µ
E
OV
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
K
L
C
1
:
0
L
E
S
_
K
L
C
V
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=5
-A
µ
E
OV
D
D
%
5
±
V
5
.
2
r
o
V
3
.
3
=0
5
1
-A
µ
V
H
O
h
g
i
H
t
u
p
t
u
Oe
g
a
t
l
o
V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=6
.
2V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=8
.
1V
V
O
D
D
1
E
T
O
N
;
V
2
.
0
±
V
8
.
1
=2
.
1V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
O
D
D
1
E
T
O
N
;
%
5
±
V
3
.
3
=6
.
0V
V
O
D
D
1
E
T
O
N
;
%
5
±
V
5
.
2
=5
.
0V
V
O
D
D
1
E
T
O
N
;
V
2
.
0
±
V
8
.
1
=4
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
.
s
m
a
r
g
a
i
d
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
"
,
n
o
i
t
c
e
s
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
2
18
8
.
8
3z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
TABLE 4E. POWER SUPPLY DC CHARACTERISTICS, V
DD = 2.5V±5%, VDDO = 1.8V±0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
6
.
18
.
10
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
z
H
M
2
1
@
d
e
t
c
e
l
e
s
x
L
A
T
X
&
d
a
o
L
o
N3
A
m
d
e
t
c
e
l
e
s
K
L
C
&
d
a
o
L
o
N1
A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
Od
e
t
c
e
l
e
s
K
L
C
&
d
a
o
L
o
N1
A
m


Similar Part No. - ICS83904AG-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83904AG-02 ICST-ICS83904AG-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83904AG-02T ICST-ICS83904AG-02T Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83904AG-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905 ICST-ICS83905 Datasheet
362Kb / 14P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83904-02 ICST-ICS83904-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904-02 IDT-83904-02 Datasheet
175Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83904-02 RENESAS-83904-02 Datasheet
372Kb / 17P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/ LVTTL Fanout Buffer
Revision A March 17, 2016
83904I-02 RENESAS-83904I-02 Datasheet
408Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
April 8, 2016
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com