Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PPW-TS6-AHJ-1 Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PPW-TS6-AHJ-1
Description  NovaLED 350 InGaN With Lens - High Lumen Super high brightness surface mount LED.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PPW-TS6-AHJ-1 Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-PPW-TS6-AHJ-1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-PPW-TS6-AHJ-1 Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
03/07/06
NovaLED350 InGaN White High Lumens with Lens - Catalogue-pv2
Page 6 of 9
Maximum Permissible Current
Radiation pattern.
Forward Current vs. Ambient Temperature
(Rja=40K/W)
0
50
100
150
200
250
300
350
400
Ambient Temperature
0
o
10
o
70
o
60
o
50
o
40
o
30
o
20
o
90
o
80
o
0.6
0.8
1.0
0.2
0.4
0
1W with Dome Lens BL-PPW-TS6-AHJ-1


Similar Part No. - BL-PPW-TS6-AHJ-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPW-TSD-ADE-1 BRIGHT-BL-PPW-TSD-ADE-1 Datasheet
306Kb / 9P
   NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
More results

Similar Description - BL-PPW-TS6-AHJ-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPT-USS-ABC-1 BRIGHT-BL-PPT-USS-ABC-1 Datasheet
333Kb / 8P
   NovaLED 350 InGaN Green Super high brightness surface mount LED.
BL-PPB-USS-C10 BRIGHT-BL-PPB-USS-C10 Datasheet
228Kb / 7P
   NovaLED 350 InGaN Blue Super high brightness surface mount LED.
BL-PPW-TSD-ADE-1 BRIGHT-BL-PPW-TSD-ADE-1 Datasheet
306Kb / 9P
   NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
BL-PPB-CES-C10 BRIGHT-BL-PPB-CES-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPT-CES-C10 BRIGHT-BL-PPT-CES-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPW-CED-C10 BRIGHT-BL-PPW-CED-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPR-SES-C10 BRIGHT-BL-PPR-SES-C10 Datasheet
231Kb / 5P
   NOVALED AlInGaP Super high brightness surface mount LED.
BL-PSW-SSD-C10 BRIGHT-BL-PSW-SSD-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PSB-USS-C10 BRIGHT-BL-PSB-USS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com