Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVCP23DG4
Description  2x2 LVPECL CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23DG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP23DG4 Datasheet HTML 1Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 2Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 3Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 4Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP23DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
CIRCUIT FUNCTION TABLE
OUT 0
OUT 1
EN 0
EN 1
IN 0
IN 1
OUT 0
OUT 1
EN 0
EN 1
IN 0
IN 1
OUT 0
OUT 1
EN 0
EN 1
IN 0
IN 1
OUT 0
OUT 1
EN 0
EN 1
IN 0
IN 1
SN65LVCP23
SLLS554E – NOVEMBER 2002 – REVISED MAY 2006
INPUTS(1)
OUTPUTS(1)
LOGIC DIAGRAM
IN 0
IN 1
SEL 0
SEL1
EN 0
EN 1
OUT 0
OUT 1
X
X
X
X
L
L
L
L
>100 mV
X
L
L
H
L
H
L
<-100 mV
X
L
L
H
L
L
L
<-100 mV
X
L
L
H
H
L
L
>100 mV
X
L
L
H
H
H
H
>100 mV
X
L
L
L
H
L
H
<-100 mV
X
L
L
L
H
L
L
>100 mV
X
L
H
H
L
H
L
<-100 mV
X
L
H
H
L
L
L
<-100 mV
<-100 mV
L
H
H
H
L
L
<-100 mV
>100 mV
L
H
H
H
L
H
>100 mV
<-100 mV
L
H
H
H
H
L
>100 mV
>100 mV
L
H
H
H
H
H
X
>100 mV
L
H
L
H
L
H
X
<-100 mV
L
H
L
H
L
L
X
>100 mV
H
H
H
L
H
L
X
<-100 mV
H
H
H
L
L
L
X
<-100 mV
H
H
H
H
L
L
X
>100 mV
H
H
H
H
H
H
X
>100 mV
H
H
L
H
L
H
X
<-100 mV
H
H
L
H
L
L
X
>100 mV
H
L
H
L
H
L
X
<-100 mV
H
L
H
L
L
L
<-100 mV
<-100 mV
H
L
H
H
L
L
<-100 mV
>100 mV
H
L
H
H
H
L
>100 mV
<-100 mV
H
L
H
H
L
H
>100 mV
>100 mV
H
L
H
H
H
H
>100 mV
X
H
L
L
H
L
H
<-100 mV
X
H
L
L
H
L
L
(1)
H = High level, L = Low level, Z = High impedance, X = Don't care
3
Submit Documentation Feedback


Similar Part No. - SN65LVCP23DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23D TI-SN65LVCP23D Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
SN65LVCP23DR TI-SN65LVCP23DR Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
More results

Similar Description - SN65LVCP23DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com