Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85411AMIT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS85411AMIT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85411AMIT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS85411AMIT Datasheet HTML 4Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 5Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 6Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 7Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 8Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 9Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 10Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 11Page - Integrated Device Technology ICS85411AMIT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDT/ ICSDIFFERENTIAL-TO-LVDS FANOUT BUFFER
8
ICS85411AMI REV. B NOVEMBER 7, 2007
ICS85411I
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
APPLICATION INFORMATION
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD
= 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD
RECOMMENDATIONS FOR UNUSED OUTPUT PINS
OUTPUTS:
LVDS
All unused LVDS output pairs can be either left floating or
terminated with 100
Ω across. If they are left floating, there
should be no trace attached.


Similar Part No. - ICS85411AMIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411AM ICST-ICS85411AM Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS85411AMLF ICST-ICS85411AMLF Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS85411AMLFT ICST-ICS85411AMLFT Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS85411AMT ICST-ICS85411AMT Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
More results

Similar Description - ICS85411AMIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS854S14I IDT-ICS854S14I Datasheet
296Kb / 14P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
   Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
   Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
   Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
   Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com