Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC273DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC273DWR
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC273DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC273DWR Datasheet HTML 1Page - Texas Instruments SN74AHC273DWR Datasheet HTML 2Page - Texas Instruments SN74AHC273DWR Datasheet HTML 3Page - Texas Instruments SN74AHC273DWR Datasheet HTML 4Page - Texas Instruments SN74AHC273DWR Datasheet HTML 5Page - Texas Instruments SN74AHC273DWR Datasheet HTML 6Page - Texas Instruments SN74AHC273DWR Datasheet HTML 7Page - Texas Instruments SN74AHC273DWR Datasheet HTML 8Page - Texas Instruments SN74AHC273DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54AHC273, SN74AHC273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS376G – JUNE 1997 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Contain Eight Flip-Flops With Single-Rail
Outputs
D Direct Clear Input
D Individual Data Input to Each Flip-Flop
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
These circuits are positive-edge-triggered D-type
flip-flops with a direct clear (CLR) input.
Information at the data (D) inputs meeting the
setup time requirements is transferred to the
Q outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a
particular voltage level and is not directly related
to the transition time of the positive-going pulse.
When CLK is at either the high or low level, the
D input has no effect at the output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHC273N
SN74AHC273N
SOIC
DW
Tube
SN74AHC273DW
AHC273
SOIC – DW
Tape and reel
SN74AHC273DWR
AHC273
40
°Cto85°C
SOP – NS
Tape and reel
SN74AHC273NSR
AHC273
–40
°C to 85°C
SSOP – DB
Tape and reel
SN74AHC273DBR
HA273
TSSOP
PW
Tube
SN74AHC273PW
HA273
TSSOP – PW
Tape and reel
SN74AHC273PWR
HA273
TVSOP – DGV
Tape and reel
SN74AHC273DGVR
HA273
CDIP – J
Tube
SNJ54AHC273J
SNJ54AHC273J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC273W
SNJ54AHC273W
LCCC – FK
Tube
SNJ54AHC273FK
SNJ54AHC273FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHC273 ...J OR W PACKAGE
SN74AHC273 . . . DB, DGV, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHC273 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
2Q
3Q
3D
4D
8D
7D
7Q
6Q
6D
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK


Similar Part No. - SN74AHC273DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC273DWR TI-SN74AHC273DWR Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74AHC273DWR TI1-SN74AHC273DWR Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
More results

Similar Description - SN74AHC273DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com