Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87421I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS87421I
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS87421I Datasheet HTML 6Page - Integrated Device Technology ICS87421I Datasheet HTML 7Page - Integrated Device Technology ICS87421I Datasheet HTML 8Page - Integrated Device Technology ICS87421I Datasheet HTML 9Page - Integrated Device Technology ICS87421I Datasheet HTML 10Page - Integrated Device Technology ICS87421I Datasheet HTML 11Page - Integrated Device Technology ICS87421I Datasheet HTML 12Page - Integrated Device Technology ICS87421I Datasheet HTML 13Page - Integrated Device Technology ICS87421I Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT/ ICSLVDS CLOCK GENERATOR
11
ICS87421AMI REV. A OCTOBER 3, 2007
ICS87421I
÷1/÷2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS87421I is: 417
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD SOIC
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W


Similar Part No. - ICS87421I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results

Similar Description - ICS87421I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
   LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
   LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
logo
Renesas Technology Corp
87421 RENESAS-87421 Datasheet
408Kb / 16P
   ÷1/÷2 Differential-to-LVDS Clock Generator
June 24, 2016
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com