Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PWC-CJS-C10 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PWC-CJS-C10
Description  Power DOMILED InGan High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PWC-CJS-C10 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PWC-CJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PWC-CJS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Power DOMILED InGan BL-PWx-xJS Series
V.5 Page: 4 of 8
Absolute Maximum Ratings:
Parameter
Maximum Value
Unit
DC forward current.
30
mA
Peak pulse current; (tp
≤ 10 µs, Duty cycle = 0.005)
200
mA
Reverse voltage; Ir (max) = 10
µA.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation ( at room temperature )
135
mW
Vf Binning:
Vf Bin @ 30mA
Forward voltage (V)
Standard
3.9 (typical), 4.55 (max)
30
3.35 … 3.65
31
3.65 … 3.95
32
3.95 … 4.25
33
4.25 … 4.55
Forward voltage, Vf is measured with an accuracy of
±01 V.
Wavelength Grouping:
Color
Group
Wavelength (nm) @ 30mA
BL-PWB; Blue
Full
W
X
Y
Z
464 - 476
464 - 468
468 - 472
472 – 476
476 - 480
BL-PWC; Cyan
Full
W
X
Y
499 - 511
499 - 503
503 - 507
507 - 511
BL-PWT; True Green
Full
W
X
Y
Z
520- 536
520 - 524
524 - 528
528 – 532
532 – 536
Wavelength is measured with an accuracy of
±1 nm.


Similar Part No. - BL-PWC-CJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWC-SJS-C10 BRIGHT-BL-PWC-SJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-UJS-C10 BRIGHT-BL-PWC-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
More results

Similar Description - BL-PWC-CJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-CJS-C10 BRIGHT-BL-PWT-CJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-UJS-C10 BRIGHT-BL-PWC-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWC-SJS-C10 BRIGHT-BL-PWC-SJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-UJS-C10 BRIGHT-BL-PWT-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWB-SJS-C20 BRIGHT-BL-PWB-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWB-UJS-C10 BRIGHT-BL-PWB-UJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PWT-SJS-C10 BRIGHT-BL-PWT-SJS-C10 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
BL-PDC-SJS-C10 BRIGHT-BL-PDC-SJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com