Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80142ALPF-JA3TFG Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-80142ALPF-JA3TFG
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80142ALPF-JA3TFG Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-80142ALPF-JA3TFG Datasheet HTML 2Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 3Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 4Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 5Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 6Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 7Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 8Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 9Page - Seiko Instruments Inc S-80142ALPF-JA3TFG Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-801 Series
Rev.3.3_00
6
Seiko Instruments Inc.
Table 1 (3/3)
Detection voltage range
Delay time
Nch open-drain output products
CMOS output products
5.0 V
±2.0%
50 ms typ.
S-80150ANMC-JDBT2G
S-80150ALMC-JBBT2G
100 ms typ.
S-80150BNMC-JHBT2G
S-80150BLMC-JFBT2G
200 ms typ.
S-80150CNMC-JLBT2G
S-80150CLMC-JJBT2G
5.1 V
±2.0%
50 ms typ.
S-80151ANMC-JDCT2G
S-80151ALMC-JBCT2G
100 ms typ.
S-80151BNMC-JHCT2G
S-80151BLMC-JFCT2G
200 ms typ.
S-80151CNMC-JLCT2G
S-80151CLMC-JJCT2G
5.2 V
±2.0%
50 ms typ.
S-80152ANMC-JDDT2G
S-80152ALMC-JBDT2G
100 ms typ.
S-80152BNMC-JHDT2G
S-80152BLMC-JFDT2G
200 ms typ.
S-80152CNMC-JLDT2G
S-80152CLMC-JJDT2G
5.3 V
±2.0%
50 ms typ.
S-80153ANMC-JDET2G
S-80153ALMC-JBET2G
100 ms typ.
S-80153BNMC-JHET2G
S-80153BLMC-JFET2G
200 ms typ.
S-80153CNMC-JLET2G
S-80153CLMC-JJET2G
5.4 V
±2.0%
50 ms typ.
S-80154ANMC-JDFT2G
S-80154ALMC-JBFT2G
100 ms typ.
S-80154BNMC-JHFT2G
S-80154BLMC-JFFT2G
200 ms typ.
S-80154CNMC-JLFT2G
S-80154CLMC-JJFT2G
5.5 V
±2.0%
50 ms typ.
S-80155ANMC-JDGT2G
S-80155ALMC-JBGT2G
100 ms typ.
S-80155BNMC-JHGT2G
S-80155BLMC-JFGT2G
200 ms typ.
S-80155CNMC-JLGT2G
S-80155CLMC-JJGT2G
5.6 V
±2.0%
50 ms typ.
S-80156ANMC-JDHT2G
S-80156ALMC-JBHT2G
100 ms typ.
S-80156BNMC-JHHT2G
S-80156BLMC-JFHT2G
200 ms typ.
S-80156CNMC-JLHT2G
S-80156CLMC-JJHT2G
5.7 V
±2.0%
50 ms typ.
S-80157ANMC-JDIT2G
S-80157ALMC-JBIT2G
100 ms typ.
S-80157BNMC-JHIT2G
S-80157BLMC-JFIT2G
200 ms typ.
S-80157CNMC-JLIT2G
S-80157CLMC-JJIT2G
5.8 V
±2.0%
50 ms typ.
S-80158ANMC-JDJT2G
S-80158ALMC-JBJT2G
100 ms typ.
S-80158BNMC-JHJT2G
S-80158BLMC-JFJT2G
200 ms typ.
S-80158CNMC-JLJT2G
S-80158CLMC-JJJT2G
5.9 V
±2.0%
50 ms typ.
S-80159ANMC-JDKT2G
S-80159ALMC-JBKT2G
100 ms typ.
S-80159BNMC-JHKT2G
S-80159BLMC-JFKT2G
200 ms typ.
S-80159CNMC-JLKT2G
S-80159CLMC-JJKT2G
6.0 V
±2.0%
50 ms typ.
S-80160ANMC-JDLT2G
S-80160ALMC-JBLT2G
100 ms typ.
S-80160BNMC-JHLT2G
S-80160BLMC-JFLT2G
200 ms typ.
S-80160CNMC-JLLT2G
S-80160CLMC-JJLT2G


Similar Part No. - S-80142ALPF-JA3TFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80142ALPF-JA3TFU ABLIC-S-80142ALPF-JA3TFU Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

Similar Description - S-80142ALPF-JA3TFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com