Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853014 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS853014 Datasheet HTML 1Page - Integrated Device Technology ICS853014 Datasheet HTML 2Page - Integrated Device Technology ICS853014 Datasheet HTML 3Page - Integrated Device Technology ICS853014 Datasheet HTML 4Page - Integrated Device Technology ICS853014 Datasheet HTML 5Page - Integrated Device Technology ICS853014 Datasheet HTML 6Page - Integrated Device Technology ICS853014 Datasheet HTML 7Page - Integrated Device Technology ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
4
ICS853014BG REV. DNOVEMBER 12, 2007
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 2.375V to 3.8V; VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V (LVPECL mode, VEE = 0V)
Negative Supply Voltage, VEE
-4.6V (ECL mode, VCC = 0V)
Inputs, VI (LVPECL mode)
-0.5V to VCC + 0.5V
Inputs, VI (ECL mode)
0.5V to VEE – 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
VBB Sink//Source, IBB
± 0.5mA
Operating Temperature Range, TA
-40
°C to +85°C
Package Thermal Impedance,
θ
JA
73.2
°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
2.375
3.3
3.8
V
IEE
Power Supply Current
85
mA


Similar Part No. - ICS853014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
ICS853014BG ICST-ICS853014BG Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
ICS853014BGLF ICST-ICS853014BGLF Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
ICS853014BGLFT ICST-ICS853014BGLFT Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
ICS853014BGT ICST-ICS853014BGT Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
   Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
logo
Integrated Circuit Syst...
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
   LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
   Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
logo
Integrated Circuit Syst...
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com