Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8741004AGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8741004AGLF
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004AGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8741004AGLF Datasheet HTML 1Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 2Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 3Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 4Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 5Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 6Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 7Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 8Page - Integrated Device Technology ICS8741004AGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL
PCI EXPRESS™ JITTER ATTENUATOR
ICS8741004
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
1
ICS8741004AG REV. ANOVEMBER 1, 2007
General Description
The ICS8741004 is a high performance
Differential-to-LVDS/0.7V Differential Jitter
Attenuator designed for use in PCI Express™
systems. In some PCI Express systems, such as
those found in desktop PCs, the PCI Express clocks
are generated from a low bandwidth, high phase noise PLL
frequency synthesizer. In these systems, a jitter attenuator may be
required to attenuate high frequency random and deterministic
jitter components from the PLL synthesizer and from the system
board. The ICS8741004 has 3 PLL bandwidth modes: 200kHz,
600kHz and 2MHz. The 200kHz mode will provide maximum jitter
attenuation, but with higher PLL tracking skew and spread
spectrum modulation from the motherboard synthesizer may be
attenuated. The 600kHz provides an intermediate bandwidth that
can easily track triangular spread profiles, while providing good
jitter attenuation. The 2MHz bandwidth provides the best tracking
skew and will pass most spread profiles, but the jitter attenuation
will not be as good as the lower bandwidth modes. Because some
2.5Gb serdes have x20 multipliers while others have x25
multipliers, the ICS8741004 can be set for 1:1 mode or 5/4
multiplication mode (i.e. 100MHz input/125MHz output) using the
F_SEL pins.
The ICS8741004 uses IDT’s 3rd Generation FemtoClock™
PLL technology to achieve the lowest possible phase noise.
The device is packaged in a 24 Lead TSSOP package, making it
ideal for use in space constrained applications such as PCI
Express add-in cards.
PLL Bandwidth
Features
Two LVDS and two 0.7V differential output pairs
Bank A has two LVDS output pairs and
Bank B has two 0.7V differential output pairs
One differential clock input pair
CLK, CLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
Output frequency range: 98MHz - 160MHz
Input frequency range: 98MHz - 128MHz
VCO range: 490MHz - 640MHz
Cycle-to-cycle jitter: 35ps (maximum)
Full 3.3V operating supply
Three bandwidth modes allow the system designer to make
jitter attenuation/tracking skew design trade-offs
0°C to 70°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
Pin Assignment
ICS8741004
24-Lead TSSOP
4.4mm x 7.8mm x 0.925mm
package body
G Package
Top View
BW_SEL
0 = PLL Bandwidth: ~200kHz
Float = PLL Bandwidth: ~600kHz (default)
1 = PLL Bandwidth: ~2MHz
HiPerClockS™
ICS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
nQA1
QA1
VDDO
QA0
nQA0
MR
BW_SEL
nc
VDDA
F_SELA
VDD
OEA
nQB1
QB1
VDDO
QB0
nQB0
IREF
F_SELB
OEB
GND
GND
nCLK
CLK


Similar Part No. - ICS8741004AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004AGLF IDT-ICS8741004AGLF Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - ICS8741004AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com