Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-HRRN-XXX Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # AM-HRRN-XXX
Description  AM SUPER REGENERATIVE RECEIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRRN-XXX Datasheet(HTML) 1 Page - rfsolutions.ltd

  AM-HRRN-XXX Datasheet HTML 1Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 2Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 3Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 4Page - rfsolutions.ltd AM-HRRN-XXX Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS016-13
August 06
©2006 Reg No 277 4001, England
Page 1
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
Compact Hybrid Modules.
Standard Frequencies; 315, 433, 868MHz
Frequencies Available: 250-450MHz
Very High Frequency Stability (With No Adjustable
Components).
Receiving Range Up To 50 Metres.
CMOS/TTL Compatible Output.
Low Current Consumption;
⇒ HRR3 Typ 2.5mA.
⇒ HRR18 Typ 70uA.
Single Supply Voltage 3V or 5V.
Compatible With R.F. Solutions AM Transmitters.
Patented Laser Trimmed Inductor.
Compliant To ETSI300-220.
Requires No Radio Licence To Operate.
Description
The R.F. Solutions range of AM ‘Super Regen’ Receiver modules are compact hybrid RF receivers, which
can be used to capture undecoded data from any AM Transmitter, such as R.F. Solutions AM-RT4 / 5
range of transmitters. (See AM Transmitter datasheet DS013).
These modules show a very high frequency stability over a wide operating temperature even when
subjected to mechanical vibrations or manual handling. A unique laser trimming process which has been
patented gives a very accurate on board inductor, removing the need for any adjustable components.
All receivers are compatible, producing a CMOS/TTL output, and require connections to power and
antenna only. The HRR6 is a version with Very Low Current consumption which has a typical quiescent
current drain of only 0.5mA. In addition the HRR8 operates from a 3Vdc supply.
RF Solutions also offer a range of Super Heterodyne Receivers, for data on these products (please see
Datasheet DS017).
Block Diagram
R.F.
PRE-AMP
R
R.F.
OSCILLATOR
A.F.
AMPLIFIER
LOW PASS
FILTER
COMP -
ARATOR
QUENCH
OSCILLATOR
RF
GND
V
Vrrff
AF
GND
TEST
POINT
RF
GND
O
O//P
P
V
Va
aff


Similar Part No. - AM-HRRN-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-HRR30-433 RFSOLUTIONS-AM-HRR30-433 Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
AM-HRR60-433 RFSOLUTIONS-AM-HRR60-433 Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
More results

Similar Description - AM-HRRN-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-RRS3-XXX RFSOLUTIONS-AM-RRS3-XXX Datasheet
48Kb / 3P
   AM SUPERHETRODYNE RECEIVERS
logo
List of Unclassifed Man...
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
logo
Holtek Semiconductor In...
BC2401 HOLTEK-BC2401 Datasheet
1Mb / 7P
   315/433MHz Super-Regenerative OOK Rx IC
logo
Siemens Semiconductor G...
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
   120 MHz PLL for AM/FM Receivers
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Siemens Semiconductor G...
SDA4331X SIEMENS-SDA4331X Datasheet
446Kb / 13P
   PLL with I2C Bus for AM/FM Receivers
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
logo
Holtek Semiconductor In...
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
rfsolutions.ltd
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com