Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-RRQ3-315 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # AM-RRQ3-315
Description  AM SUPERHETERODYNE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-RRQ3-315 Datasheet(HTML) 4 Page - rfsolutions.ltd

  AM-RRQ3-315 Datasheet HTML 1Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 2Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 3Page - rfsolutions.ltd AM-RRQ3-315 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS015-3
May 06
©2006 REG No 277 4001, England.
Page 4
AM SUPERHETERODYNE RECEIVER
AM-RRQ3-XXX
AM-RRQ5-433
Application Circuit
Notes
Do not use Veroboad or Stripboard to mount the module!
Ensure the supply is stable (ideally <10mVpk ripple).
Keep the module away from other EMF generating components.
Mount the antenna as close to the module as possible.
Part numbering
AM-RRQ3-315
Receiver Module 315MHz
AM-RRQ3-433
Receiver Module 433MHz
AM-RRQ3-868
Receiver Module 868MHz
AM-RRQ5-433
Receiver Module, SAW Filter, 433MHz
Should you require further assistance, please call:
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
RRQ5 RF Re ceiv er
1 2 3
11
15
7
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K


Similar Part No. - AM-RRQ3-315

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-RRQ3-315 RFSOLUTIONS-AM-RRQ3-315 Datasheet
48Kb / 3P
   AM SUPERHETRODYNE RECEIVERS
More results

Similar Description - AM-RRQ3-315

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
SRX887 G-NICE-SRX887 Datasheet
420Kb / 6P
   Micropower Superheterodyne Receiver
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470 MAXIM-MAX1470_V01 Datasheet
1Mb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com