Electronic Components Datasheet Search |
|
GS175T48-12 Datasheet(PDF) 5 Page - STMicroelectronics |
|
GS175T48-12 Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 10 page 5/10 GS175T48-15 ELECTRICAL CHARACTERISTICS (Tamb =25 °C unless otherwise specified) Symbol Parameter Test Conditions Min Typ Max Unit Vi Input Voltage Vo = 15V Io = 0 to 12A (Operating Conditions) 38 48 60 VDC Viuv Input Undervoltage Lockout Vo = 15V Io = 0 to 12A 32 34 36 VDC li Average Input Current Vi = 0 to 60V Io = 12A 5.5 A lipk Inrush Transient Peak Current Vi = 60V Io = 12A 0.2 A 2s lir Reflected Input Current Vi = 38 to 60V Io = 12A 20 mApp Vien Enable Input Voltage Vi = 38 to 60V Io = 0 to 12A 0 1.2 V lien Enable Input Current Vi = 38 to 60V Io = 0 to 12A Vien =0V -1 mA Viinh Inhibit Voltage Vi = 38 to 60V Io = 0 to 12A Vien = open 818 V Pi Input Power Vi = 38 to 60V Io = 0A (No Load) 1.5 2 W Vo Total Output Voltage Regulation Vi = 38 to 60V Io = 0 to 12A 14.25 15.0 15.75 V Vost Short-term Output Voltage Regulation Vi = 38 to 60V Io = 0 to 12A 14.7 15.0 15.3 V Vots Total Static Tolerance Vi = 38 to 60V Io = 0 to 12A 14.55 15.0 15.45 V Vol Output Overvoltage Limit Initiation Vi = 38 to 60V Io = 0 to 12A 16.5 17 18 VDC Vor Output Ripple Voltage Vi = 38 to 60V Io = 12A 45 90 mVpp Von Output Noise Voltage Vi = 38 to 60V Io = 12A 75 150 mVpp ∆Vo Total Remote Sense Compensation Vi = 38 to 60V 0.6 V δVo Peak Load Transient Response Vi = 48V δIo =3A slope = 0.2A/ µs 200 mVp Io Output Current Vi = 38 to 60V Vo = 15V 012 A Iol Overcurrent Limit Initiation Vi = 48V 13 16 A Iosc Shortcircuit Output Current Vi = 48V Vo = 0.2 to 0.5V 21 A ts Load Transient Settling Time Vi = 48V δIo =3A slope = 0.2A/ µs 300 µs ton Turn-on Time Vi = 48V Io = 12A Vien = from high to low 5ms Vi = 0 to 60V Io = 12A Vien = low 310 Vis Isolation Voltage 500 V fs Switching Frequency Vi = 38 to 60V Io = 0 to 12A 160 175 200 kHz η Efficiency Vi = 38 to 60V Io = 12A 86 88 % Rth Thermal Resistance Case to Ambient 5.2 °C/W Tcop Operating Case Temperature Range – 10 +85 °C Tstg Storage Temperature Range – 40 +105 °C GS120/175T48 FAMILY |
Similar Part No. - GS175T48-12 |
|
Similar Description - GS175T48-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |