Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS360 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS360_01 Datasheet HTML 3Page - Microchip Technology HCS360_01 Datasheet HTML 4Page - Microchip Technology HCS360_01 Datasheet HTML 5Page - Microchip Technology HCS360_01 Datasheet HTML 6Page - Microchip Technology HCS360_01 Datasheet HTML 7Page - Microchip Technology HCS360_01 Datasheet HTML 8Page - Microchip Technology HCS360_01 Datasheet HTML 9Page - Microchip Technology HCS360_01 Datasheet HTML 10Page - Microchip Technology HCS360_01 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2001 Microchip Technology Inc.
DS40152D-page 7
HCS360
3.5.3
SEED: ENABLE SEED TRANSMISSION
If SEED = 0, seed transmission is disabled. The inde-
pendent counter mode can only be used with seed
transmission disabled since SEED_2 is shared with the
second synchronization counter.
With SEED = 1, seed transmission is enabled. The
appropriate button code(s) must be activated to trans-
mit the seed information. In this mode, the seed infor-
mation (SEED_0, SEED_1, and SEED_2) and the
upper 12- or 16-bits of the serial number (SER_1) are
transmitted instead of the hop code.
Seed transmission is available for function codes
(Table 3-7) S[3:0] = 1001 and S[3:0] = 0011(delayed).
This takes place regardless of the setting of the IND bit.
The two seed transmissions are shown in Figure 3-1.
FIGURE 3-1:
SEED TRANSMISSION
All examples shown with XSER = 1, SEED = 1
When S[3:0] = 1001, delay is not acceptable.
CRC+VLOW
SER_1
SEED_2
SEED_1
SEED_0
Data transmission direction
For S[3:0] = 0x3 before delay:
16-bit Data Word
16-bit Counter
Encrypt
CRC+VLOW
SER_1
SER_0
Encrypted Data
For S[3:0] = 0011 after delay (Note 1, Note 2):
CRC+VLOW
SER_1
SEED_2
SEED_1
SEED_0
Data transmission direction
Data transmission direction
Note 1: For Seed Transmission, SEED_2 is transmitted instead of SER_0.
2: For Seed Transmission, the setting of DELM has no effect.


Similar Part No. - HCS360_01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360-IP MICROCHIP-HCS360-IP Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS360-ISN MICROCHIP-HCS360-ISN Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS360-P MICROCHIP-HCS360-P Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS360-SN MICROCHIP-HCS360-SN Datasheet
211Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996-1997
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
More results

Similar Description - HCS360_01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
   KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com