Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS512 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS512
Description  KEELOQ짰 Code Hopping Decoder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS512 Datasheet HTML 7Page - Microchip Technology HCS512 Datasheet HTML 8Page - Microchip Technology HCS512 Datasheet HTML 9Page - Microchip Technology HCS512 Datasheet HTML 10Page - Microchip Technology HCS512 Datasheet HTML 11Page - Microchip Technology HCS512 Datasheet HTML 12Page - Microchip Technology HCS512 Datasheet HTML 13Page - Microchip Technology HCS512 Datasheet HTML 14Page - Microchip Technology HCS512 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2002 Microchip Technology Inc.
DS40151D-page 11
HCS512
FIGURE 6-2:
PROGRAMMING WAVEFORMS
TABLE 6-4:
PROGRAMMING TIMING REQUIREMENTS
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
1
64
ms
Hold time 1
TPH1
8
128
ms
Hold time 2
TPH2
0.05
320
ms
Clock High Time
TCKH
0.05
320
ms
Clock Low Time
TCKL
0.050
320
ms
Acknowledge Time
TACK
—80
ms
Acknowledge duration
TACKH
1
ms
Note:
FOSC equals 4 MHz.
Bit1
Bit0
Bit78
Bit79
Ack
MCLR
CLK
(Clock)
DAT
(Data)
Enter Program Mode
Acknowledge
pulse
TPS
TPH1
TCKL
TCKH
TACK
TPH2
80-bit Data Package
TACKH


Similar Part No. - HCS512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS512 MICROCHIP-HCS512 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS512 MICROCHIP-HCS512 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS512-IP MICROCHIP-HCS512-IP Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS512-ISN MICROCHIP-HCS512-ISN Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
More results

Similar Description - HCS512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
   KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com