Electronic Components Datasheet Search |
|
74VHCU04 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
74VHCU04 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 9 page ©1993 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHCU04 Rev. 1.4.0 4 DC Electrical Characteristics Noise Characteristics Note: 2. Parameter guaranteed by design. Symbol Parameter VCC (V) Conditions TA = 25°C TA = –40°C to +85°C Units Min. Typ. Max. Min. Max. VIH HIGH Level Input Voltage 2.0 1.70 1.70 V 3.0–5.5 0.8 x VCC 0.8 x VCC VIL LOW Level Input Voltage 2.0 0.30 0.30 V 3.0–5.5 0.2 x VCC 0.2 x VCC VOH HIGH Level Output Voltage 2.0 VIN = VIL IOH = –50µA 1.8 2.0 1.8 V 3.0 2.7 3.0 2.7 4.5 4.0 4.5 4.0 3.0 VIN = GND IOH = –4mA 2.58 2.48 4.5 IOH = –8mA 3.94 3.80 VOL LOW Level Output Voltage 2.0 VIN = VIH IOL = 50µA 0.0 0.2 0.2 V 3.0 0.0 0.3 0.3 4.5 0.0 0.5 0.5 3.0 VIN = VCC IOL = 4mA 0.36 0.44 4.5 IOL = 8mA 0.36 0.44 IIN Input Leakage Current 0–5.5 VIN = 5.5V or GND ±0.1 ±1.0 µA ICC Quiescent Supply Current 5.5 VIN = VCC or GND 2.0 20.0 µA Symbol Parameter VCC (V) Conditions TA = 25°C Units Typ. Limits VOLP (2) Quiet Output Maximum Dynamic VOL 5.0 CL = 50pF 0.5 0.8 V VOLV (2) Quiet Output Minimum Dynamic VOL 5.0 CL = 50pF –0.5 –0.8 V VIHD (2) Minimum HIGH Level Dynamic Input Voltage 5.0 CL = 50pF 4.0 V VILD (2) Maximum LOW Level Dynamic Input Voltage 5.0 CL = 50pF 1.0 V |
Similar Part No. - 74VHCU04_08 |
|
Similar Description - 74VHCU04_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |