Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCU04 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VHCU04
Description  Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCU04 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74VHCU04_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHCU04_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCU04 Rev. 1.4.0
6
Physical Dimensions
Figure 1. 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AB, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD:
SOIC127P600X145-14M
E) DRAWING CONFORMS TO ASME Y14.5M-1994
F) DRAWING FILE NAME: M14AREV13
PIN ONE
INDICATOR
8
°
0
°
SEATING PLANE
DETAIL A
SCALE: 20:1
GAGE PLANE
0.25
X45
°
1
0.10
C
C
B
C
A
7
M
14
B
A
8
SEE DETAIL A
5.60
0.65
1.70
1.27
8.75
8.50
7.62
6.00
4.00
3.80
(0.33)
1.27
0.51
0.35
1.75 MAX
1.50
1.25
0.25
0.10
0.25
0.19
(1.04)
0.90
0.50
0.36
R0.10
R0.10
0.50
0.25


Similar Part No. - 74VHCU04_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCU04M STMICROELECTRONICS-74VHCU04M Datasheet
214Kb / 11P
   HEX INVERTER SINGLE STAGE
logo
Fairchild Semiconductor
74VHCU04M FAIRCHILD-74VHCU04M Datasheet
75Kb / 8P
   Hex Inverter
logo
ON Semiconductor
74VHCU04M ONSEMI-74VHCU04M Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
75Kb / 8P
   Hex Inverter
logo
ON Semiconductor
74VHCU04MTC ONSEMI-74VHCU04MTC Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
More results

Similar Description - 74VHCU04_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com