Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7550-1 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7550-1
Description  100mA Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7550-1 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7550-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7550-1 Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT7530/33/36/44/50 EOL Notification
Features Cross Reference
Part No.
Item
HT75XX-1
HT75XX
Output Voltage
Same
Same
Electrical Specification
Same
Same
Part No.
HT7530-1
HT7533-1
HT7536-1
HT7544-1
HT7550-1
HT7530
HT7533
HT7536
HT7544
HT7550
Tolerance
±3%
±5%
Package Form
TO92 (Bulk, T&R)
TO92 (Bulk, T&R)
SOT89 (T&R only)
SOT89 (Bulk, T&R)
SOT25 (T&R only)
None
Marking
75XX-1 (for TO92 and SOT89)
HT75XX (for TO92 and SOT89)
5XX1 (for SOT25)
None
Availability
Now available
Last order: Jul/31/2003
Last shipment: Oct/31/2003
1
November 29, 2002
EOL Notification
Holtek hereby formally gives End Of Life (EOL) notification that the HT7530, HT7533, HT7536, HT7544 and HT7550
(hereinafter denoted as HT75XX) 100mA Voltage Regulator will be phased out of production with a latest purchase
date of July 31
st 2003. The suggested replacement device will be known as the HT7530-1, HT7533-1, HT7536-1,
HT7544-1 and HT7550-1 (hereinafter denoted as HT75XX-1) and will offer superior performance by providing lower
output voltage tolerance of 3% in addition to having an additional SOT25 packaging type.
The following shows the phase out schedule for the HT75XX and the cross references between the phased out devices
and the new release devices:
· Last time buy date: July 31st 2003
- Order placement deadline
· Production stops: October 31st 2003
- Cease production
- Last delivery
- Product reaches end of life status
· Suggested replacement device: HT75XX-1
- Output voltage tolerance of ±3%
- Additional SOT25 package release
- All devices are now available
- Refer to the following tables for cross reference information.


Similar Part No. - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7550-1 HOLTEK-HT7550-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
HT7550-1-SOT89TRLF HOLTEK-HT7550-1-SOT89TRLF Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS78LXX ADMOS-AMS78LXX Datasheet
59Kb / 7P
   100mA VOLTAGE REGULATOR
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com