Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD4D06NP-2R2MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD4D06NP-2R2MB
Description  Power Transformers Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D06NP-2R2MB Datasheet(HTML) 1 Page - Sumida Corporation

  CMD4D06NP-2R2MB Datasheet HTML 1Page - Sumida Corporation CMD4D06NP-2R2MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Transformers <SMD Type: CMD Series>
Type: CMD4D06
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
Product Description
6.3×5.8mm Max.(L×W),0.8mm Max. Height.
Inductance Range: 2.2~47μH
Rated current range: 0.18~0.95A.
4 Terminal pins’ type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit).
In addition to the standards versions used as power inductors shown here, custom designs as
transformers(SEPIC,ZETA circuit) and inductors are also available.
Feature
Magnetically unshielded construction.
Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as DC-DC
Converter inductors, specially suitable for White LED drive.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
“S”
is winding start.
4.1±0.3
0.8 Max.
0.4±0.1
6.0±0.3
3.5±0.3
(Terrninal root)
1. 5
2. 2
0.9
3.2
6.2
(1)
(4)
(2)
(3)


Similar Part No. - CMD4D06NP-2R2MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D06 SUMIDA-CMD4D06 Datasheet
179Kb / 2P
   POWER INDUCTORS
logo
Linear Integrated Syste...
CMD4D06 LINEAR-CMD4D06 Datasheet
196Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
logo
Monolithic Power System...
CMD4D06-100 MPS-CMD4D06-100 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
More results

Similar Description - CMD4D06NP-2R2MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CMD-6 SUMIDA-CMD-6 Datasheet
124Kb / 2P
   General Power Transformer
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Filtran LTD
4731 FILTRAN-4731 Datasheet
82Kb / 1P
   Power Transformers PCB Type
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
TDK Electronics
E13EMHV TDK-E13EMHV Datasheet
785Kb / 12P
   SMD Transformers
May 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com