Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD4D06NP-4R7MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD4D06NP-4R7MC
Description  Power Transformers Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D06NP-4R7MC Datasheet(HTML) 2 Page - Sumida Corporation

  CMD4D06NP-4R7MC Datasheet HTML 1Page - Sumida Corporation CMD4D06NP-4R7MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Transformers <SMD Type: CMD Series>
Type: CMD4D06
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part No.
Stamp
Inductance
(μ
H)[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated Current
(mA)※1
CMD4D06NP-2R2M□
2R2
2.2±20%
116(89)
950
CMD4D06NP-3R3M□
3R3
3.3±20%
174(134)
770
CMD4D06NP-4R7M□
4R7
4.7±20%
216(166)
750
CMD4D06NP-6R8M□
6R8
6.8±20%
296(228)
620
CMD4D06NP-100M□
100
10.0±20%
457(352)
500
CMD4D06NP-150M□
150
15.0±20%
676(520)
400
CMD4D06NP-220M□
220
22.0±20%
1066(820)
300
CMD4D06NP-330M□
330
33.0±20%
1647(1267)
240
CMD4D06NP-470M□
470
47.0±20%
2843(2187)
180
Description of Part Name
CMD4D06NP-2R2M□
Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CMD4D06NP-4R7MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D06 SUMIDA-CMD4D06 Datasheet
179Kb / 2P
   POWER INDUCTORS
logo
Linear Integrated Syste...
CMD4D06 LINEAR-CMD4D06 Datasheet
196Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
logo
Monolithic Power System...
CMD4D06-100 MPS-CMD4D06-100 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
More results

Similar Description - CMD4D06NP-4R7MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CMD-6 SUMIDA-CMD-6 Datasheet
124Kb / 2P
   General Power Transformer
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Filtran LTD
4731 FILTRAN-4731 Datasheet
82Kb / 1P
   Power Transformers PCB Type
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
TDK Electronics
E13EMHV TDK-E13EMHV Datasheet
785Kb / 12P
   SMD Transformers
May 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com