Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF10B32E1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LF10B32E1
Description  1.2mm 2 Pin Ceramic Surface Mount Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF10B32E1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LF10B32E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LF10 Series
1.2mm 2 Pin Ceramic Surface Mount Crystal
Frequency Range
10.000MHz to 40.000MHz
Frequency Tolerance/Stability
A, B, C, D
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
50mW Maximum, 50uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 1996-B
Aging @ 25°C
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
LF10 A 32 C 1 - 30.000MHz
Package
LF10=1.0mm max.ht. / 2 Pad Seam Weld SMD
Mode of Operation
1=Fundamental
Tolerance/Stability
A=±50/100
Operating Temperature Range
B=±50/50
C=0°C to 70°C
C=±30/50
E=-20°C to 70°C
D=±30/30
F=-40°C to 85°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz)
ESR (ohms)
Mode / Cut
10.000 to 45.000
50
Fundamental / AT
MECHANICAL DIMENSIONS
Marking Guide
3.5±0.2
6.0
±0.2
1.2 ±0.2
2.0±0.2
1.5±
0.02
1.5±
0.02
All Dimensions in
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1: Frequency
Line 2: CEI YM
CEI = Caliber Electronics Inc.
YM = Date Code (Year / Month


Similar Part No. - LF10B32E1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10B32E1 CALIBER-LF10B32E1 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
More results

Similar Description - LF10B32E1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
LFA32C1 CALIBER-LFA32C1 Datasheet
39Kb / 1P
   1.7mm 2 Pin Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
LFA32C1 ETC2-LFA32C1 Datasheet
34Kb / 1P
   1.7mm 2 Pin Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
MA32C1 CALIBER-MA32C1 Datasheet
54Kb / 1P
   1.6mm 2 Pin Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
MA32C1 ETC2-MA32C1 Datasheet
48Kb / 1P
   1.6mm 2 Pin Ceramic Surface Mount Crystal
NCA32C1 ETC2-NCA32C1 Datasheet
38Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
NA32C1 CALIBER-NA32C1 Datasheet
46Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
List of Unclassifed Man...
NA32C1 ETC2-NA32C1 Datasheet
40Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
NCA32C1 CALIBER-NCA32C1 Datasheet
43Kb / 1P
   2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com