Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS300T48-5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS300T48-5
Description  300W DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5 Datasheet(HTML) 4 Page - STMicroelectronics

  GS300T48-5 Datasheet HTML 1Page - STMicroelectronics GS300T48-5 Datasheet HTML 2Page - STMicroelectronics GS300T48-5 Datasheet HTML 3Page - STMicroelectronics GS300T48-5 Datasheet HTML 4Page - STMicroelectronics GS300T48-5 Datasheet HTML 5Page - STMicroelectronics GS300T48-5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
USER NOTES
Reflected Input Current
The reflected input current measurement (lir, see Electrical Characteristics) is performed according to the
test set-up of fig. 2.
Figure 2.
Softstart
To avoid heavy inrush current the output voltage
rise time is 10ms maximum in any condition of load.
Remote Sensing
The remote voltage sense compensation range is
for a total drop of 0.6V equally shared between the
load connecting wires.
It is a good practice to shield the sensing wires to
avoid oscillations.
See the connection diagram on figures 3, 4, 5, 6.
Remote ON/OFF
The module is controlled by the voltage applied
between the ON/OFF pin and -IN pin.
The converter is ON (Enable) when the voltage
applied is lower than 1.2 V (see Vien on Electrical
Characteristics).
The converter is OFF (Inhibit) for a control voltage
in the range of 8 to 18V (see Viinh).
When the pin is unconnected the converter is OFF.
Maximum sinking current is 1mA.
Module Protection
The module is protected against occasional and
permanent shortcircuits of the outp ut pins to
ground, as well as against output current overload.
It uses a current limiting protection circuitry, avoid-
ing latch-up problems with certain type of loads.
A latching crowbar output overvoltage protection is
activated when the output voltage exceeds the
typical value of 6.3V (see Electrical Charac-
teristics). A thermal non-latchingprotection disables
the module whenever the heatsink temperature
reaches about 85
°C.
Parallel Operation
To increase available output regulated power, the
module features the parallel connection possibility
with equal current sharing and maximum deviation
of 10% (two modules in parallel).
See the connection diagram on figures 3, 4, 5, 6.
GS300T48-5


Similar Part No. - GS300T48-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3001 ETC1-GS3001 Datasheet
83Kb / 5P
   Preamp Hybrid for Class D
logo
MPS Industries, Inc.
GS300X MPSIND-GS300X Datasheet
149Kb / 2P
   Single ratio (see schematic), thru-hole package
More results

Similar Description - GS300T48-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
   300W DC-DC Converter
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
   300W DC-DC Converter
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
   210 - 300W DC/DC BUS CONVERTER MODULE
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com