Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4T48-5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS4T48-5
Description  4 W DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS4T48-5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS4T48-5 Datasheet HTML 1Page - STMicroelectronics GS4T48-5 Datasheet HTML 2Page - STMicroelectronics GS4T48-5 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS4T48-5
4 W DC-DC CONVERTER
June 1994
1/3
Type
Vi
Vo
Io
GS4T48-5
38 to 60 V
5 V
800 mA
DESCRIPTION
The GS4T48-5 is a 4W DC-DC converter designed
to provide a 5V/800mA isolated power source.
The module features a wide input voltage range (38
to 60V), low reflected input current and continuous
short-circuit protection. It is certified by UL, CSA
(level 3) and TUV as having SELV output when
provided with a SELV input.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo =5V
Io = 50 to 800mA
38
48
60
V
Ii
Input Current
Vi = 38 to 60V
Io = 800mA
140
mA
Iir
Input Reflected
Current
Vi = 48V
Vo =5V
Io = 800mA
20
30
mApp
Vo
Output Voltage
Vi = 38 to 60V
Io = 50 to 800mA
4.8
5
5.2
V
Vor
Output Ripple Voltage
Vi = 48V
Io = 800mA
BW = 5Hz to 20MHz
30
50
mVpp
δVOL
Line Regulation
Vi = 38 to 60V
Io = 800mA
1
2
mV/V
δVOO
Load Regulation
Vi = 48V
Io = 50 to 800mA
50
75
mV/A
Io
Output Current
Vi = 38 to 60V
Vo =5V
50
800
mA
Iosc
Output Short-circuit
Current
Vi = 48V
2A
Vis
Isolation Voltage
500
VDC
fs
Switching Frequency
Vi = 38 to 60V
Io = 50 to 800mA
50
200
kHz
η
Efficiency
Vi = 48V
Io = 800mA
70
73
%
Top
Operating Ambient
Temperature Range
Still Air
0
+55
°C
Top
Operating Ambient
Temperature Range
Forced ventilation, air speed = 100 LFM
0
+65
°C
Tstg
Storage Temperature
Range
– 40
+85
°C


Similar Part No. - GS4T48-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS4-0.5 ETC2-GS4-0.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-1 ETC2-GS4-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-10 ETC2-GS4-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-2.5 ETC2-GS4-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-6 ETC2-GS4-6 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS4T48-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
   8 W DC-DC Converter
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
   5 W DC-DC CONVERTER
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
   30 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
   100 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
   8 W DC-DC Converter
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
   2 W DC-DC CONVERTER
logo
Power Integrations, Inc...
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
   16.5 W DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
   19.2 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S3.3-66R WALL-MPQ48S3.3-66R Datasheet
422Kb / 7P
   66 W DC-DC Converter
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
   83 W DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com