Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL02TRR22J Datasheet(PDF) 11 Page - ABCO ELECTRONICS CO.LTD

Part # AL02TRR22J
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AL02TRR22J Datasheet(HTML) 11 Page - ABCO ELECTRONICS CO.LTD

Back Button AL02TRR22J Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 10Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 11Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 12Page - ABCO ELECTRONICS CO.LTD AL02TRR22J Datasheet HTML 13Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
54
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
ELECTRICAL CHARACTERISTICS
Q-Characteristics(Measured by HP 4285A + HP 42851A)
1000
100
10
100
0.1
1000
10000
AL02
ALC02
ALN02
AL03
AL04
AL05
Frequency[MHz]
AL02TB101K
AL02TB100K
AL02TB1R0K
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
ALC02TB101J
ALC02TB100J
ALC02TB1R0J
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
ALN02TB101J
ALN02TB100J
ALN02TB1R0J
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
AL03TB102K
AL03TB1R0K
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
AL04TB102K
AL04TB100K
AL04TB101K
AL04TB1R0K
1000
100
10
100
0.1
1000
10000
Frequency[MHz]
AL05TB221K
AL05TB470K
AL05TB120K
AL03TB100K
AL03TB101K


Similar Part No. - AL02TRR22J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL023 AVX-AL023 Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5GTR AVX-AL02302N5GTR Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5GTS AVX-AL02302N5GTS Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5JTR AVX-AL02302N5JTR Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5JTS AVX-AL02302N5JTS Datasheet
696Kb / 7P
   Air Core RF Inductors
More results

Similar Description - AL02TRR22J

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com