Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5-434-5-128 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # R5-434-5-128
Description  FM Radio Transmitter & Receiver Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

R5-434-5-128 Datasheet(HTML) 6 Page - rfsolutions.ltd

  R5-434-5-128 Datasheet HTML 1Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 2Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 3Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 4Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 5Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 6Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 7Page - rfsolutions.ltd R5-434-5-128 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FM Radio Transmitter & Receiver Modules
T5 / R5
DS305-8
Nov ‘05
©2005 REG No 277 4001, England.
Page 6
Antenna Design
The design and positioning of the antenna is as
crucial as the module performance itself in
achieving a good wireless system range. The
following will assist the designer in maximising
system performance.
The antenna should be kept as far away from
sources of electrical interference as physically
possible.
If necessary, additional power line
decoupling capacitors should be placed close to
the module.
The antenna ‘hot end’ should be kept clear of any
objects, especially any metal as this can severely
restrict the efficiency of the antenna to receive
power. Any earth planes restricting the radiation
path to the antenna will also have the same effect.
Best range is achieved with either a straight piece
of wire, rod or PCB track @ ¼ wavelength
(15.5cm @ 433.92MHz). Further range may be
achieved if the ¼ wave antenna is placed
perpendicular in the middle of a solid earth plane
measuring at least 16cm radius. In this case, the
antenna should be connected to the module via
some 50 ohm characteristic impedance coax
Figure 3: Antenna Configurations To Be Used
With The T5 & R5 Modules
RSSI Values:
The R5 RSSI output provides a DC output
proportional to the RF input signal. The table
below shows the typical RSSI value depending on
the RF signal strength. The circuit diagram shows
how a carrier detect can be obtained from the
RSSI pin on the receiver module.
RF Signal Strength / dBm RSSI / V
RF Signal Strength / dBm
RSSI / V
-120
1.27
-110
1.33
-100
1.49
-90
1.74
-80
1.99
-70
2.3
-60
2.56
-50
2.63
-40
2.63
Carrier Detect circuit
The R5 RSSI output provides a DC output
proportional to the RF input signal. In order to
generate a Carrier Detect (as a logic level) The
following circuit may be used.
RF
RF
Helical Antenna
Whip Antenna
34mm @ 433MHz
17 turns equally spaced
∅ = 5mm (inside)
15.5cm @ 433MHz
CD
5V
GND
10 K ohm
39 K ohm
62 K ohm
RSSI OUT
PIN 3


Similar Part No. - R5-434-5-128

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-BS MSYSTEM-R5-BS Datasheet
311Kb / 4P
   Remote I/O R5 Series INSTALLATION BASE
R5-BS04 MSYSTEM-R5-BS04 Datasheet
311Kb / 4P
   Remote I/O R5 Series INSTALLATION BASE
R5-BS04/Q MSYSTEM-R5-BS04/Q Datasheet
311Kb / 4P
   Remote I/O R5 Series INSTALLATION BASE
R5-BS05 MSYSTEM-R5-BS05 Datasheet
311Kb / 4P
   Remote I/O R5 Series INSTALLATION BASE
R5-BS05/Q MSYSTEM-R5-BS05/Q Datasheet
311Kb / 4P
   Remote I/O R5 Series INSTALLATION BASE
More results

Similar Description - R5-434-5-128

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com