Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM130PZ-H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # TM130PZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM130PZ-H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  TM130PZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM130PZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM130PZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM130PZ-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM130PZ-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM130DZ/CZ/PZ-M,-H
HIGH POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
DC motor control, NC equipment, AC motor control, Contactless switches,
Electric furnace temperature control, Light dimmers
TM130DZ/CZ/PZ-M,-H
• IT (AV)
Average on-state current .......... 130A
• VRRM
Repetitive peak reverse voltage
........ 400/800V
• VDRM
Repetitive peak off-state voltage
........ 400/800V
• DOUBLE ARMS
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
(DZ Type)
(DZ Type)
(Bold line is connective bar.)
3–
φ6.5
4–M8
A1
K1
A2
K2
K2
G2
K1
G1
18
16
18
16
32
30
68.5
30
68.5
150
Tab#110,
t=0.5
A1
CR1
K1
K2
A2
K2
G2
K1
G1
(DZ)
(CZ)
(PZ)
A1
CR1
K1 K2
CR2
A2
K2
G2
K1
G1
A1
CR1
K1 K2
CR2
A2
K2
G2
K1
G1
LABEL
CR2


Similar Part No. - TM130PZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM130PZ-24 MITSUBISHI-TM130PZ-24 Datasheet
59Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130PZ-2H MITSUBISHI-TM130PZ-2H Datasheet
59Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM130PZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com