Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN02TBR22K Datasheet(PDF) 9 Page - ABCO ELECTRONICS CO.LTD

Part # AN02TBR22K
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AN02TBR22K Datasheet(HTML) 9 Page - ABCO ELECTRONICS CO.LTD

Back Button AN02TBR22K Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 10Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 11Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 12Page - ABCO ELECTRONICS CO.LTD AN02TBR22K Datasheet HTML 13Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
52
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
ITEM PART NUMBERS
Measuring
Self-Resonant
DC
Rate
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ][mA]
(min.)
(max.)
(max.)
AL05T
1R0K
1.0
300
0.022
5600
AL05T
1R2K
1.2
260
0.024
5500
AL05T
1R5K
1.5
250
0.026
5000
AL05T
1R8K
1.8
240
0.029
4700
AL05T
2R2K
2.2
220
0.031
4500
AL05T
2R7K
2.7
195
0.034
4000
AL05T
3R3K
3.3
155
0.038
3400
AL05T
3R9K
3.9
115
0.040
3100
AL05T
4R7K
4.7
85
0.044
2800
AL05T
5R6K
5.6
55
0.048
2600
AL05T
6R8K
6.8
50
0.051
2400
AL05T
8R2K
8.2
38
0.056
2200
AL05T
100K
10
24
0.062
2100
AL05T
120K
12
18
0.076
1800
AL05T
150K
15
16
0.088
1700
AL05T
180K
18
15
0.110
1600
AL05T
220K
22
14
0.130
1400
AL05T
270K
27
13
0.140
1300
AL05T
330K
33
11
0.200
1200
AL05T
390K
39
10
0.220
1100
AL05T
430K
43
9.5
0.280
1000
AL05T
470K
47
9.5
0.280
1000
AL05T
560K
56
8.0
0.300
900
AL05T
680K
68
7.5
0.340
800
AL05T
820K
82
7.0
0.385
700
AL05T
101K
100
6.5
0.480
700
AL05T
121K
120
5.0
0.595
600
AL05T
151K
150
4.5
0.900
550
AL05T
181K
180
4.0
1.10
500
AL05T
221K
220
3.8
1.25
440
AL05T
271K
270
3.5
1.85
420
AL05T
331K
330
3.0
2.10
380
AL05T
391K
390
2.8
2.28
340
AL05T
471K
470
2.5
3.22
320
AL05T
561K
560
2.2
3.85
290
AL05T
681K
680
2.1
4.00
260
AL05T
821K
820
2.0
5.00
250
AL05T
102K
1000
1.8
5.80
240
AL05T
122K
1200
1.6
7.10
200
AL05T
152K
1500
1.5
7.80
190
10
7.96
2.52
0.796
15
0.252
± 10%
●AL05
*please specify the taping configuration code.
*
: A, B, R


Similar Part No. - AN02TBR22K

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
   SEPIC Circuit
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
AN022 AIC-AN022 Datasheet
396Kb / 8P
   High Side Driver for Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
   An Useful Model for Charge Pump Converter
AN024 AIC-AN024 Datasheet
285Kb / 7P
   For LCD Motherboard Power Supply Using AIC1563
More results

Similar Description - AN02TBR22K

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com