Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE68C Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # 1.5KE68C
Description  GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1.5KE68C Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  1.5KE68C Datasheet HTML 1Page - HY ELECTRONIC CORP. 1.5KE68C Datasheet HTML 2Page - HY ELECTRONIC CORP. 1.5KE68C Datasheet HTML 3Page - HY ELECTRONIC CORP. 1.5KE68C Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
Max.
Clamping
Voltage
Max.
Peak
Pulse
Max.
Voltage
Temp.
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(uA)
Vc(V)
Ipp(A)
%/℃
1.5KE6.8
1.5KE6.8C
5.50
6.12
7.48
10
1000
10.8
139.0
0.057
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
1000
10.5
143.0
0.057
1.5KE7.5
1.5KE7.5C
6.05
6.75
8.25
10
500
11.7
128.0
0.061
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
500
11.3
132.0
0.061
1.5KE8.2
1.5KE8.2C
6.63
7.38
9.02
10
200
12.5
120.0
0.065
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
200
12.1
124.0
0.065
1.5KE9.1
1.5KE9.1C
7.37
8.19
10.00
1
50
13.8
109.0
0.068
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.55
1
50
13.4
112.0
0.068
1.5KE10
1.5KE10C
8.10
9.00
11.00
1
10
15.0
100.0
0.073
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
10
14.5
103.0
0.073
1.5KE11
1.5KE11C
8.92
9.90
12.10
1
5
16.2
93.0
0.075
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
5
15.6
96.0
0.075
1.5KE12
1.5KE12C
9.72
10.80
13.20
1
5
17.3
87.0
0.078
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
5
16.7
90.0
0.078
1.5KE13
1.5KE13C
10.50
11.70
14.30
1
5
19.0
79.0
0.081
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
5
18.2
82.0
0.081
1.5KE15
1.5KE15C
12.10
13.50
16.50
1
5
22.0
68.0
0.084
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
5
21.2
71.0
0.084
1.5KE16
1.5KE16C
12.90
14.40
17.60
1
5
23.5
64.0
0.086
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
5
22.5
67.0
0.086
1.5KE18
1.5KE18C
14.50
16.20
19.80
1
5
26.5
56.5
0.088
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
5
25.2
59.5
0.088
1.5KE20
1.5KE20C
16.20
18.00
22.00
1
5
29.1
51.5
0.090
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
5
27.7
54.0
0.090
1.5KE22
1.5KE22C
17.80
19.80
24.20
1
5
31.9
47.0
0.092
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
5
30.6
49.0
0.092
1.5KE24
1.5KE24C
19.40
21.60
26.40
1
5
34.7
43.0
0.094
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
5
33.2
45.0
0.094
1.5KE27
1.5KE27C
21.80
24.30
29.70
1
5
39.1
38.5
0.096
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
5
37.5
40.0
0.096
1.5KE30
1.5KE30C
24.30
27.00
33.00
1
5
43.5
34.5
0.097
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
5
41.4
36.0
0.097
1.5KE33
1.5KE33C
26.80
29.70
36.30
1
5
47.7
31.5
0.098
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
5
45.7
33.0
0.098
1.5KE36
1.5KE36C
29.10
32.40
39.60
1
5
52.0
29.0
0.099
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
5
49.9
30.0
0.099
1.5KE39
1.5KE39C
31.60
35.10
42.90
1
5
56.4
26.5
0.100
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
5
53.9
28.0
0.100
1.5KE43
1.5KE43C
34.80
38.70
47.30
1
5
61.9
24.0
0.101
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
5
59.3
25.3
0.101
1.5KE47
1.5KE47C
38.10
42.30
51.70
1
5
67.8
22.2
0.101
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
5
64.8
23.2
0.101
1.5KE51
1.5KE51C
41.30
45.90
56.10
1
5
73.5
20.4
0.102
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
5
70.1
21.4
0.102
1.5KE56
1.5KE56C
45.40
50.40
61.60
1
5
80.5
18.6
0.103
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
5
77.0
19.5
0.103
Breakdown
Voltage
BV Lolts@lt
1.5KE SERIES
~ 205 ~


Similar Part No. - 1.5KE68C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE68C TRSYS-1.5KE68C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
1.5KE68C BWTECH-1.5KE68C Datasheet
595Kb / 7P
   Glass passvated junction chip
logo
Won-Top Electronics
1.5KE68C WTE-1.5KE68C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
SEMTECH ELECTRONICS LTD...
1.5KE68C SEMTECH_ELEC-1.5KE68C Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
Littelfuse
1.5KE68C LITTELFUSE-1.5KE68C Datasheet
92Kb / 3P
   1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE68C

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
5KP HY-5KP Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE Datasheet
44Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE Datasheet
42Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com