Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL311 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL311 Datasheet(HTML) 4 Page - Texas Instruments

  TIL311 Datasheet HTML 1Page - Texas Instruments TIL311 Datasheet HTML 2Page - Texas Instruments TIL311 Datasheet HTML 3Page - Texas Instruments TIL311 Datasheet HTML 4Page - Texas Instruments TIL311 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
SODS001D – MARCH 1972 – REVISED DECEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operating characteristics at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Iv
Luminous intensity (see Note 3)
Average per
character LED
VCC = 5 V,
See Note 4
VLED = 5 V,
35
100
µcd
v
y(
)
Each decimal
IF(DP) = 5 mA
35
100
µcd
λp
Wavelength at peak emission
VCC = 5 V,
VLED = 5 V,
660
nm
∆λ
Spectral bandwidth
CC
,
IF(DP) = 5 mA,
LED
,
See Note 5
20
nm
VIH
High-level ilnput voltage
2
V
VIL
Low-level input voltage
0.8
V
VIK
Input clamp voltage
VCC = 4.75 V,
II = – 12 mA
– 1.5
V
II
Input current
VCC = 5.5 V ,
VI = 5.5 V
1
mA
IIH
High-level input current
VCC = 5.5 V ,
VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = 5.5 V ,
VI = 0.4 V
– 1.6
mA
ICC
Supply current, logic
VCC = 5.5 V ,
VLED = 5.5 V,
60
90
mA
ILED Supply current, LED
CC
IF(DP) = 5 mA,
LED
All inputs at 0 V
45
90
mA
NOTES:
3. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on
Illumination) eye-response curve.
4. This parameter is measured with
displayed, then again with
displayed.
5. These parameters are measured with
displayed.
TYPICAL CHARACTERISTICS
0.5
0.4
0.1
0
600 610 620 630 640 650 660
0.6
0.8
RELATIVE SPECTRAL CHARACTERISTIC
0.9
670 680 690 700
0.2
0.7
λ – Wavelength – nm
VCC = 5 V
TC = 25°C
1
0.3
Figure 1


Similar Part No. - TIL311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311 Datasheet
93Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
TIL311 TAOS-TIL311 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
TIL311A TI-TIL311A Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
More results

Similar Description - TIL311

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TIL311 TAOS-TIL311 Datasheet
93Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
TIL311 TAOS-TIL311_07 Datasheet
139Kb / 8P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
4N56 ETC1-4N56 Datasheet
209Kb / 5P
   HEXADECIMAL DISPLAY WITH LOGIC
logo
Texas Instruments
4N54 TI-4N54 Datasheet
265Kb / 5P
[Old version datasheet]   HERMETIC HEXADECIMAL DISPLAY WITH LOGIC
logo
List of Unclassifed Man...
745-0007 ETC1-745-0007 Datasheet
280Kb / 3P
   HEXADECIMAL DISPLAY WITH INTEGRAL TTL MSI CIRCUIT CHIP
logo
Texas Instruments
TIL311 TI-TIL311 Datasheet
119Kb / 4P
[Old version datasheet]   HEXDECIMAL DISPLAY WITH LOGIC
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
   COUNTERS DECADE HEXADECIMAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com