Electronic Components Datasheet Search |
|
K24C080-RET-S Datasheet(PDF) 9 Page - Estek Electronics Co. Ltd |
|
K24C080-RET-S Datasheet(HTML) 9 Page - Estek Electronics Co. Ltd |
9 / 13 page P R O M ¡Absolute Maximum Stress Ratings DC Supply Voltage . . . . . . . . . . . . . . . . .-0.3V to +6.5V Input / Output Voltage . . . . . . . .GND-0.3V to VCC+0.3V Operating Ambient Temperature . . . . . -40。C to +85。C Storage Temperature . . . . . . . . . . . . -65。C to +150。C Electrical Characteristics ¡Comments Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability. DC Electrical Characteristics ¡Applicable over recommended operating range from: TA= -40 。C to +85 。C, VCC = +1.8V to +5.5V (unless otherwise noted) Parameter Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current 5.5 1.0 3.0 1.0 Max. READ at 100 kHz WRITE at 100 kHz VIN = VCC or GND Condition 1.8 - - - Min. VCC ICC1 ICC2 ISB Symbol - 0.4 2.0 - Typ. V mA mA Unit A Input Leakage Current Output Leakage Current Input Low Level Output Low Level VCC =1.8V Output Low Level VCC =5.0V Input High Level Output Low Level VCC =3.0V 3.0 3.0 VCC X 0.3 0.2 0.4 VCC + 0.5 0.4 VIN = VCC or GND VOUT = VCC or GND IOL = 0.15 mA IOL = 3.0 mA IOL = 2.1 mA - - -0.6 - - VCC X 0.7 - ILI ILO VIL VOL1 VOL3 VIH VOL2 - 0.05 - - - - - V V V V V A A Pin Capacitance ¡Applicable over recommended operating range from TA = 25 。C, f = 1.0 MHz, VCC = +1.8V Parameter Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, 8 6 Max. VIN = 0V Condition - - Min. CI/O CIN Symbol - - Typ. pF pF Unit SCL) VI/O = 0V 9 BEIJING ESTEK ELECTRONICS CO.,LTD 24C02 / 24C04 / 24C08 / 24C16 |
Similar Part No. - K24C080-RET-S |
|
Similar Description - K24C080-RET-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |