Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA8835A Datasheet(PDF) 38 Page - RAIO Technology Inc.

Part # RA8835A
Description  DOT MATRIX LCD CONTROLLER SPECIFICATION
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8835A Datasheet(HTML) 38 Page - RAIO Technology Inc.

Back Button RA8835A Datasheet HTML 34Page - RAIO Technology Inc. RA8835A Datasheet HTML 35Page - RAIO Technology Inc. RA8835A Datasheet HTML 36Page - RAIO Technology Inc. RA8835A Datasheet HTML 37Page - RAIO Technology Inc. RA8835A Datasheet HTML 38Page - RAIO Technology Inc. RA8835A Datasheet HTML 39Page - RAIO Technology Inc. RA8835A Datasheet HTML 40Page - RAIO Technology Inc. RA8835A Datasheet HTML 41Page - RAIO Technology Inc. RA8835A Datasheet HTML 42Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Version 1.0
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
38/88
RA8835A
7-6 Oscillator Circuit
The RA8835A series incorporates an oscillator circuit. A stable oscillator can be constructed simply by
connecting an AT-cut crystal and two capacitors to XG and XD, as shown in the figure below. If the
oscillator frequency is increased, CD and CG should be decreased proportionally. Note that the circuit
board lines to XG and XD must be as short as possible to prevent wiring capacitance from changing
the oscillator frequency or increasing the power consumption.
RA8835
XG
XD
CG
CD
CD=3 to 20 pF
CG=2 to 18 pF
Load impedance =700? (max)
Figure 7-4: Crystal Oscillator
7-7 Status Flag
The RA8835A series has a single bit status flag.
D6: X line standby
Figure 7-5: Status Flag
The D6 status flag is HIGH for the TC/R-C/R cycles at the end of each line where the RA8835A series
is not reading the display memory. The microprocessor may use this period to update display memory
without affecting the display, however it is recommended that the display be turned off when refreshing
the whole display.
LP
XSCL
tTC/R
tm
tC/R
Figure 7-6: C/R to TC/R Time Difference


Similar Part No. - RA8835A

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
More results

Similar Description - RA8835A

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
   Dot Matrix LCD Controller Specification
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
RA8863 RAIO-RA8863 Datasheet
48Kb / 6P
   Dot Matrix LCD Controller Specification
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com