Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2060C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SRF2060C
Description  SCHOTTKY BARIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRF2060C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SRF2060C Datasheet HTML 1Page - List of Unclassifed Manufacturers SRF2060C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARIER RECTIFIER
VOLTAGE RANGE
20 to 100 Volts
SRF2020C THRU SRF20100C
CURRENT
16.0 Ampere
ITO-220AB
FEATURES
Dual Diode device
Fast switching
Low forward voltage
Low power loss for high efficiency
High Surge capability
High temperature Soldering guaranteed:
250 OC/10 seconds, 0.25” (6.35mm) lead length
Also available with reverse polarity, add and “R” suffix,
i.e. SRF2020R
Also available in a non isolate package, SR2020C
Also available in a dual diode version, SRF2020
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202E
Method 208C
Polarity: as marked
Mounting Position: Any, 5.0 in-lbs Torque Max
Weight: 0.08 ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SRF
2020C
SRF
2030C
SRF
2035C
SRF
2040C
SRF
2045C
SRF
2050C
SRF
2060C
SRF
2080C
SRD
20100C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
25
38
32
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
Volts
Maximum Average Forward Rectified Current, (Note 1)
TL = 135OC
I(AV)
20
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Instantaneous Forward Voltage per leg @ 10.0A
(Note 1)
VF
0.65
0.75
Volts
5.0
Maximum DC Reverse Current at Rated
TA = 25 OC
DC Blocking Voltage per element (Note 1)
TA = 100 OC
IR
50
mA
Typical Thermal Resistance , per leg
RθJC
3.0
OC/W
Operating Junction Temperature Range
TJ
(-55 to +150)
OC
Storage Temperature Range
TSTG
(-55 to +150)
OC
Notes:
1.
Pulse test: 300µS pulse width, 1% duty cycle
Lead Free
RoHS Compliant
MEI


Similar Part No. - SRF2060C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRF2060C MIC-SRF2060C Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SRF2060CE MOSPEC-SRF2060CE Datasheet
186Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF2060CL MOSPEC-SRF2060CL Datasheet
162Kb / 2P
   Plastic Dual Schottky Barrier Power Rectifiers
logo
HY ELECTRONIC CORP.
SRF2060CT HY-SRF2060CT Datasheet
481Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
SRF2060CT SAMYANG-SRF2060CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF2060C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRF1620C ETC1-SRF1620C Datasheet
138Kb / 2P
   SCHOTTKY BARIER RECTIFIER
logo
Guangdong Kexin Industr...
1N5711WS KEXIN-1N5711WS Datasheet
35Kb / 1P
   SURFACE MOUNT SCHOTTKY BARIER DIODE
logo
Gaomi Xinghe Electronic...
SRF560 GXELECTRONICS-SRF560 Datasheet
334Kb / 2P
   SCHOTTKY BARIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
SeCoS Halbleitertechnol...
SK32CL SECOS-SK32CL Datasheet
190Kb / 2P
   Low Vf Low Ir 3.0Amp Surface Mount Schottky Barier Rectifiers
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com