Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C5V1 Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # BZX55C5V1
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BZX55C5V1 Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  BZX55C5V1 Datasheet HTML 1Page - HY ELECTRONIC CORP. BZX55C5V1 Datasheet HTML 2Page - HY ELECTRONIC CORP. BZX55C5V1 Datasheet HTML 3Page - HY ELECTRONIC CORP. BZX55C5V1 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTIC CURVES
~ 401 ~
BZX55C SERIES
FIG.7 - FORWARD CURRENT VS.
FORWARD VOLTAGE
FORWARD VOLTAGE (V)
TJ=25°C
0.01
1
0.001
0.1
0
0.2
0.4
0.6
0.8
1.0
10
100
FIG.8 - Z-CURRENT VS. Z-VOLTAGE
80
60
40
20
0
0
4
8
12
16
20
100
Ptot=500mW
Tamb=25°C
Z-VOLTAGE(V)
Z-VOLTAGE(V)
FIG.9 - Z-CURRENT VS. Z-VOLTAGE
Ptot=500mW
Tamb=25°C
40
30
20
10
0
15
20
25
30
35
50
FIG.10 - DIFFERENTIAL Z-RESISTANCE
Vz VS. Z-VOLTAGE
Z-VOLTAGE(V)
100
1
10
0
5
10
15
20
25
1000
Iz=1mA
5mA
10m
TJ=25°C
FIG.11 - THERMAL RESPONSE
PULSE LENGTH (ms)
10
100
1
101
102
1000
100
10-1


Similar Part No. - BZX55C5V1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX55C5V1 CDIL-BZX55C5V1 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C5V1 VISHAY-BZX55C5V1 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C5V1 ZSELEC-BZX55C5V1 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Vishay Siliconix
BZX55C5V1 VISHAY-BZX55C5V1 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C5V1 LUGUANG-BZX55C5V1 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C5V1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com