Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM130EZ-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # TM130EZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM130EZ-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  TM130EZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM130EZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM130EZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM130EZ-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM130EZ-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM130RZ/EZ/GZ-M,-H
HIGH POWER GENERAL USE
INSULATED TYPE
MAXIMUM RATINGS
Item
Thyristor
Diode
VRRM
VRSM
VR (DC)
VDRM
VDSM
VD (DC)
IT (RMS)
IF (RMS)
IT (AV)
IF (AV)
ITSM
IFSM
I2t
di/dt
Item
Thyristor
Diode
PGM
PG (AV)
VFGM
IFGM
Tj
Tstg
ELECTRICAL CHARACTERISTICS
Item
Thyristor
Diode
IRRM
IDRM
dv/dt
VGT
VGD
VTM
VFM
IGT
Rth (j-c)
PERFORMANCE CURVES
MAXIMUM FORWARD CHARACTERISTIC
RATED SURGE (NON-REPETITIVE)
CURRENT
GATE CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE (JUNCTION TO CASE)
CONDUCTION TIME (CYCLE AT 60Hz)
FORWARD VOLTAGE (V)
GATE CURRENT (mA)
TIME (s)
Rth (c-f)
–1
10
–3
10
–2
10
0
10
0
10
1
10
1
10
0
10
1
10
4
10
3
10
2
10
–1
10
4
10
2
10
2
10
1
10
0.4
7
5
3
2
7
5
3
2
7
5
3
2
0.8
1.2
2.0
2.4
1.6
Tj=125°C
70
50
30
20
7
5
3
2
0
400
3200
10
1
100
800
1200
1600
2000
2400
2800
7
5
3
2
7
5
3
2
7
5
3
2
3
2
7
5
3
2
7
5
3
2
4
7
5
4
VGT=3.0V
IGT=
100mA
IFGM=4.0A
PGM=10W
VFGM=10V
VGD=0.25V
PG(AV)=
3.0W
Tj=25°C
7
5
3
2
7
5
3
2
7
5
3
2
0.25
0
7
5
3
2
0.05
0.10
0.15
0.20


Similar Part No. - TM130EZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM130EZ-24 MITSUBISHI-TM130EZ-24 Datasheet
60Kb / 4P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM130EZ-2H MITSUBISHI-TM130EZ-2H Datasheet
60Kb / 4P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM130EZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com