Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU6005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBU6005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU6005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBU6005 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU6005 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -175 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL GBU6005 GBU601 GBU602 GBU604 GBU606 GBU608 GBU610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 305 ~
GBU6005 thru GBU610 SERIES
A
IR
1.1
I(AV)
-55 to +150
10.0
uA
A
175
6.0
For capacitive load, derate current by 20%
2.8
-55 to +150
IFSM
127
50
2.2
500
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 6.0 Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
GBU
.874(22.2)
.860(21.8)
.146(3.7)
.154(3.9)
.224(5.7)
.232(5.9)
3.2*3.2
CHAMFER
.720(18.3)
.752(19.1)
.720(18.29)
.680(17.27)
.073(1.85)
.057(1.45)
.035(0.9)
.047(1.2)
.100(2.54)
.085(2.16)
.065(1.65)
.080(2.03)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.133(3.37)
.139(3.53)
.091(2.3)
.106(2.7)
.022(.56)
.018(.46)


Similar Part No. - GBU6005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU6005 DIODES-GBU6005 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
HY ELECTRONIC CORP.
GBU6005 HY-GBU6005 Datasheet
495Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU6005 THINKISEMI-GBU6005 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
GBU6005 GOOD-ARK-GBU6005 Datasheet
756Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Diodes Incorporated
GBU6005 DIODES-GBU6005 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
More results

Similar Description - GBU6005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com